| Electronic Components Datasheet Search |
|
UPSD3253 Datasheet(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3253 Datasheet(HTML) 124 Page - STMicroelectronics |
|
124 / 176 page ![]() µPSD325X DEVICES 124/176 Output Macrocell (OMC) Eight of the Output Macrocells (OMC) are con- nected to Ports A and B pins and are named as McellAB0-McellAB7. The other eight macrocells are connected to Ports B and C pins and are named as McellBC0-McellBC7. If an McellAB out- put is not assigned to a specific pin in PSDsoft, the Macrocell Allocator block assigns it to either Port A or B. The same is true for a McellBC output on Port B or C. Table 91 shows the macrocells and port assignment. The Output Macrocell (OMC) architecture is shown in Figure 61. As shown in the figure, there are native product terms available from the AND Array, and borrowed product terms available (if unused) from other Output Macrocells (OMC). The polarity of the product term is controlled by the XOR gate. The Output Macrocell (OMC) can im- plement either sequential logic, using the flip-flop element, or combinatorial logic. The multiplexer selects between the sequential or combinatorial logic outputs. The multiplexer output can drive a port pin and has a feedback path to the AND Array inputs. The flip-flop in the Output Macrocell (OMC) block can be configured as a D, T, JK, or SR type in PS- Dsoft. The flip-flop’s clock, preset, and clear inputs may be driven from a product term of the AND Ar- ray. Alternatively, CLKIN (PD1) can be used for the clock input to the flip-flop. The flip-flop is clocked on the rising edge of CLKIN (PD1). The preset and clear are active High inputs. Each clear input can use up to two product terms. Table 91. Output Macrocell Port and Data Bit Assignments Note: 1. McellAB0-McellAB7 can only be assigned to Port B in the 52-pin package Output Macrocell Port Assignment1 Native Product Terms Maximum Borrowed Product Terms Data Bit for Loading or Reading McellAB0 Port A0, B0 3 6 D0 McellAB1 Port A1, B1 3 6 D1 McellAB2 Port A2, B2 3 6 D2 McellAB3 Port A3, B3 3 6 D3 McellAB4 Port A4, B4 3 6 D4 McellAB5 Port A5, B5 3 6 D5 McellAB6 Port A6, B6 3 6 D6 McellAB7 Port A7, B7 3 6 D7 McellBC0 Port B0, C0 4 5 D0 McellBC1 Port B1, C1 4 5 D1 McellBC2 Port B2, C2 4 5 D2 McellBC3 Port B3, C3 4 5 D3 McellBC4 Port B4, C4 4 6 D4 McellBC5 Port B5, C5 4 6 D5 McellBC6 Port B6, C6 4 6 D6 McellBC7 Port B7, C7 4 6 D7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |