Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F4539-I/ML Datasheet(PDF) 113 Page - Microchip Technology

Part # PIC18F4539-I/ML
Description  Enhanced FLASH Microcontrollers with Single Phase Induction Motor Control Kernel
PDF  322 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4539-I/ML Datasheet(HTML) 113 Page - Microchip Technology

Back Button PIC18F4539-I/ML Datasheet HTML 109Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 110Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 111Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 112Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 113Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 114Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 115Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 116Page - Microchip Technology PIC18F4539-I/ML Datasheet HTML 117Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 322 page
background image
 2002 Microchip Technology Inc.
Preliminary
DS30485A-page 111
PIC18FXX39
13.2
Timer3 Interrupt
The TMR3 Register pair (TMR3H:TMR3L) increments
from 0000h to FFFFh and rolls over to 0000h. The
TMR3 Interrupt, if enabled, is generated on overflow,
which is latched in interrupt flag bit, TMR3IF
(PIR2<1>). This interrupt can be enabled/disabled by
setting/clearing TMR3 interrupt enable bit, TMR3IE
(PIE2<1>).
TABLE 13-1:
REGISTERS ASSOCIATED WITH TIMER3 AS A TIMER/COUNTER
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
All Other
RESETS
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
0000 000u
PIR2
—
—
—
EEIF
BCLIF
LVDIF
TMR3IF
—
---0 0000
---0 0000
PIE2
—
—
—
EEIE
BCLIE
LVDIE
TMR3IE
—
---0 0000
---0 0000
IPR2
—
—
—
EEIP
BCLIP
LVDIP
TMR3IP
—
---1 1111
---1 1111
TMR3L
Holding Register for the Least Significant Byte of the 16-bit TMR3 Register
xxxx xxxx
uuuu uuuu
TMR3H
Holding Register for the Most Significant Byte of the 16-bit TMR3 Register
xxxx xxxx
uuuu uuuu
T1CON
RD16
—
T1CKPS1 T1CKPS0
—
T1SYNC TMR1CS TMR1ON 0-00 0000 u-uu uuuu
T3CON
RD16
—
T3CKPS1 T3CKPS0
—
T3SYNC TMR3CS TMR3ON 0000 0000 uuuu uuuu
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as '0'. Shaded cells are not used by the Timer1 module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com