Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C672-04/JM Datasheet(PDF) 109 Page - Microchip Technology

Part # PIC12C672-04/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C672-04/JM Datasheet(HTML) 109 Page - Microchip Technology

Back Button PIC12C672-04/JM Datasheet HTML 105Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 106Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 107Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 108Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 109Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 110Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 111Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 112Page - Microchip Technology PIC12C672-04/JM Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 129 page
background image
© 1999 Microchip Technology Inc.
DS30561B-page 109
PIC12C67X
13.0
DC AND AC CHARACTERISTICS - PIC12C671/PIC12C672/PIC12LC671/
PIC12LC672/PIC12CE673/PIC12CE674/PIC12LCE673/PIC12LCE674
The graphs and tables provided in this section are for design guidance and are not tested. In some graphs or tables
the data presented are outside specified operating range (i.e., outside specified VDD range). This is for information only
and devices will operate properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots over a period of
time. “Typical” represents the mean of the distribution while “max” or “min” represents (mean + 3
σ) and (mean – 3σ)
respectively, where
σ is standard deviation.
FIGURE 13-1: CALIBRATED INTERNAL RC
FREQUENCY RANGE VS.
TEMPERATURE (VDD = 5.0V)
(INTERNAL RC IS
CALIBRATED TO 25°C, 5.0V)
FIGURE 13-2: CALIBRATED INTERNAL RC
FREQUENCY RANGE VS.
TEMPERATURE (VDD = 2.5V)
(INTERNAL RC IS
CALIBRATED TO 25°C, 5.0V)
4.40
4.30
4.20
4.10
4.00
3.90
3.80
3.70
3.60
3.50
-40
25
85
125
4.50
0
Max.
Min.
Temperature (Deg.C)
4.40
4.30
4.20
4.10
4.00
3.90
3.80
3.70
3.60
3.50
-40
25
85
125
4.50
0
Max.
Min
.
Temperature (Deg.C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com