Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC12C671-10/JM Datasheet(PDF) 112 Page - Microchip Technology

Part # PIC12C671-10/JM
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C671-10/JM Datasheet(HTML) 112 Page - Microchip Technology

Back Button PIC12C671-10/JM Datasheet HTML 108Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 109Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 110Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 111Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 112Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 113Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 114Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 115Page - Microchip Technology PIC12C671-10/JM Datasheet HTML 116Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 129 page
background image
PIC12C67X
DS30561B-page 112
© 1999 Microchip Technology Inc.
FIGURE 13-9: IOL vs. VOL, VDD = 5.5 V
Min +125
°C
Min +85
°C
Typ +25
°C
Max -40
°C
30
25
20
15
10
0
0.5
0.75
1.0
VOL (Volts)
0
35
40
0.25
45
50
55
FIGURE 13-10: VTH (INPUT THRESHOLD
VOLTAGE) OF GPIO PINS
vs. VDD
Typ (25
)
Max (-40 to 125)
Min (-40 to 125)
1.6
1.4
1.2
1.0
0.8
0.6
0
2.5
3.5
4.5
5.5
VDD (Volts)
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com