Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3866EUF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3866EUF
Description  High Efficiency Step-Down Converter with Very Low DCR Inductor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3866EUF Datasheet(HTML) 1 Page - Linear Technology

  LTC3866EUF Datasheet HTML 1Page - Linear Technology LTC3866EUF Datasheet HTML 2Page - Linear Technology LTC3866EUF Datasheet HTML 3Page - Linear Technology LTC3866EUF Datasheet HTML 4Page - Linear Technology LTC3866EUF Datasheet HTML 5Page - Linear Technology LTC3866EUF Datasheet HTML 6Page - Linear Technology LTC3866EUF Datasheet HTML 7Page - Linear Technology LTC3866EUF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
dc1829af
DEMO MANUAL DC1829A
DESCRIPTION
LTC3866EUF
High Efficiency Step-Down Converter
with Very Low DCR Inductor
Demonstration circuit 1829A is a high efficiency, high
density, synchronous buck converter with 4.5V to 14V
input voltage range. It can supply a 30A maximum load
current with a 1.5V output. This demo board utilizes the
LTC®3866EUF, a feature-rich single phase synchronous
buck controller with very low DCR current sensing capabil-
ity, on-chip drivers and remote output voltage sensing. This
board is setup with 0.32mΩ DCR inductor. The temperature
compensation function guarantees accurate current limit
over a wide temperature range with DCR sensing.
The LTC3866 is suitable for operation from an input voltage
of 4.5V to 38V and output voltages up to 3.5V. It can provide
high efficiency, high power density and versatile power
solutions for telecom and datacom systems, industrial and
medical instruments, along with DC power distribution
systems and computer systems. The LTC3866 is available
in 24-pin 4mm
× 4mm QFN and 24-lead FE packages.
L, LT, LTC, LTM, μModule, Linear Technology, the Linear logo and Burst Mode are registered
trademarks of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
PERFORMANCE SUMMARY
To shut down the converter, set the RUN pin voltage below
1.2V (JP2: OFF). Use JP1 jumper to select Burst Mode®
operation, pulse skipping mode or forced continuous mode
operation at light load. Switching frequency is preset at
about 400kHz, and it can be easily modified from 250kHz
to 770kHz. Onboard dynamic circuit is also available for
transient test. Please see LTC3866 data sheet for more
detailed information.
Design files for this circuit board are available at
http://www.linear.com/demo
(TA = 25°C)
PARAMETER
CONDITION
VALUE
Input Voltage Range
4.5V to 14V
Output Voltage, VOUT
VIN = 4.5V to 14V, IOUT = 0A to 30A
1.5V ±2%
Maximum Output Current, IOUT
VIN = 4.5V to 14V, VOUT = 1.5V
30A
Typical Efficiency
VIN = 12V, VOUT = 1.5V, IOUT = 30A
90.3%
Typical Switching Frequency
400kHz


Similar Part No. - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
550Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3866 LINER-LTC3866 Datasheet
1,006Kb / 22P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
979Kb / 46P
Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
More results

Similar Description - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
High Efficiency Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
High Efficiency Step-Down Converter
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com