Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3866EUF Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3866EUF
Description  High Efficiency Step-Down Converter with Very Low DCR Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3866EUF Datasheet(HTML) 2 Page - Linear Technology

  LTC3866EUF Datasheet HTML 1Page - Linear Technology LTC3866EUF Datasheet HTML 2Page - Linear Technology LTC3866EUF Datasheet HTML 3Page - Linear Technology LTC3866EUF Datasheet HTML 4Page - Linear Technology LTC3866EUF Datasheet HTML 5Page - Linear Technology LTC3866EUF Datasheet HTML 6Page - Linear Technology LTC3866EUF Datasheet HTML 7Page - Linear Technology LTC3866EUF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
dc1829af
DEMO MANUAL DC1829A
QUICK START PROCEDURE
Figure 1. Proper Measurement Equipment Setup
Demonstration circuit 1829A is easy to set up to evaluate
the performance of the LTC3866EUF. Refer to Figure 1 for
the proper measurement equipment setup and follow the
procedure below:
1. With power off, connect the input power supply to VIN
(4.5V to 14V) and GND (input return).
2. Connect the 1.5V output load between VOUT and GND
(Initial load: no load).
3. Connect the DVMs to the input and outputs. Set default
jumper position: JP1: CCM; JP2: ON.
4. Turn on the input power supply and check for the proper
output voltages. VOUT should be 1.5V ±2%.
5. Once the proper output voltages are established, ad-
just the loads within the operating range and observe
the output voltage regulation, ripple voltage and other
parameters.
Note: When measuring the output or input voltage ripple,
do not use the long ground lead on the oscilloscope probe.
See Figure 2 for the proper scope probe technique. Short,
stiff leads need to be soldered to the (+) and (–) terminals
of an output capacitor. The probe’s ground ring needs to
touch the (–) lead and the probe tip needs to touch the
(+) lead.


Similar Part No. - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3866 LINER-LTC3866 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
979Kb / 46P
   Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
More results

Similar Description - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
   High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
   High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com