Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3866EUF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3866EUF
Description  High Efficiency Step-Down Converter with Very Low DCR Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3866EUF Datasheet(HTML) 3 Page - Linear Technology

  LTC3866EUF Datasheet HTML 1Page - Linear Technology LTC3866EUF Datasheet HTML 2Page - Linear Technology LTC3866EUF Datasheet HTML 3Page - Linear Technology LTC3866EUF Datasheet HTML 4Page - Linear Technology LTC3866EUF Datasheet HTML 5Page - Linear Technology LTC3866EUF Datasheet HTML 6Page - Linear Technology LTC3866EUF Datasheet HTML 7Page - Linear Technology LTC3866EUF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
dc1829af
DEMO MANUAL DC1829A
QUICK START PROCEDURE
LOAD CURRENT (A)
0
96
78
94
90
86
82
92
88
84
80
76
25
15
dc1829a F03
30
20
10
5
VIN = 4.5V
VIN = 12V
VIN = 14V
Figure 3. Efficiency vs Load Current
Figure 4. Output Voltage vs Load Current
Efficiency Test at CCM
Load Regulation at VIN = 12V
LOAD CURRENT (A)
0
1.7
0.7
1.5
1.1
1.3
0.9
0.5
dc1829a F04
40
30
20
10
Figure 2. Measuring Output Voltage Ripple


Similar Part No. - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
550Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3866 LINER-LTC3866 Datasheet
1,006Kb / 22P
PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
979Kb / 46P
Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
More results

Similar Description - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
High-Efficiency MicroSiP STEP-DOWN CONVERTER
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Texas Instruments
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
High Efficiency Step-Down Converter
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
High Efficiency Step-Down Converter
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com