Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3866EUF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3866EUF
Description  High Efficiency Step-Down Converter with Very Low DCR Inductor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3866EUF Datasheet(HTML) 5 Page - Linear Technology

  LTC3866EUF Datasheet HTML 1Page - Linear Technology LTC3866EUF Datasheet HTML 2Page - Linear Technology LTC3866EUF Datasheet HTML 3Page - Linear Technology LTC3866EUF Datasheet HTML 4Page - Linear Technology LTC3866EUF Datasheet HTML 5Page - Linear Technology LTC3866EUF Datasheet HTML 6Page - Linear Technology LTC3866EUF Datasheet HTML 7Page - Linear Technology LTC3866EUF Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
dc1829af
DEMO MANUAL DC1829A
PARTS LIST
ITEM
QTY
REFERENCE
PART DESCRIPTION
MANUFACTURER/PART NUMBER
Required Circuit Components
1
2
CIN1, CIN2
CAP, 180μF 20% 16V
SANYO 16SVP180MX
2
2
CIN3, CIN4
CAP, 1210 10μF 20% 25V X5R
TAIYO YUDEN TMK325BJ106MM-T
3
2
COUT1, COUT2
CAP, 7343 330μF 20% 2.5V POSCAP
SANYO 2R5TPE330M9
4
4
COUT3, COUT6, C15, C16
CAP, 1210 100μF 20% 6.3V X5R
TDK C3225X5R0J107M
5
2
C19, C21
CAP, 0603 1μF 10% 25V X5R
TAIYO YUDEN TMK107BJ105MA-T
6
2
C22, C27
CAP, 0603 220nF 10% 25V X7R
TDK C1608X7R1E224K
7
2
C24, C25
CAP, 0603 0.1μF 10% 10V X5R
AVX 0603ZD104KAT
8
1
C26
CAP, 0603 1.5nF 5% 50V C0G
MURATA GRM1885C1H152JA01D
9
1
C28
CAP, 0603 220pF 10% 25V NPO
AVX 06033A221KAT2A
10
1
C31
CAP, 0805 4.7μF 20% 10V X5R
TDK C2012X5R1A475M
11
1
D2
DOIDE, CMDSH-3
CENTRAL SEMI CMDSH-3
12
1
L1
IND, 0.33μH
WURTH ELEKTRONIK M744301033
13
1
Q1
XSTR, POWER MOSFET
INFINEON BSC050NE2LS
14
1
Q3
XSTR, POWER MOSFET
INFINEON BSC010NE2LS
15
1
Q5
XSTR, SUD50N03-09P MOSFET
SILICONIX SUD50N03-09P
16
5
R9, R32, R34, R36, R44
RES, 0603 0Ω JUMPER 1/10W
VISHAY CRC06030000Z0EA
17
1
R10
RES, 0603 100k 5% 1/10W
VISHAY CRCW0603100KJNEA
18
1
R11
RES, 0603 10k 5% 1/10W
VISHAY CRCE060310K0JNEA
19
1
R12
RES, 2512 0.010Ω 5% 1W
VISHAY WSL2512R0100FEA
20
1
R27
RES, 0603 100k 1% 1/10W
VISHAY CRCW0603100KFKEA
21
1
R28
RES, 0603 1k 1% 1/10W
VISHAY CRCW06031K00FKEA
22
1
R30
RES, 0603 931Ω 1% 1/10W
YAGEO RC0603FR-07931RL
23
2
R31, R45
RES, 0603 10Ω 5% 1/10W
VISHAY CRCW060310R0JNEA
24
1
R37
RES, 0603 2.2Ω 5% 1/10W
VISHAY CRCW06032R20JNEA
25
1
R38
RES, 0603 20k 1% 1/10W
VISHAY CRCW060320K0FKEA
26
1
R39
RES, 0603 30.1k 1% 1/10W
VISHAY CRCW060330K1FKEA
27
1
R40
RES, 0603 10k 1% 1/10W
VISHAY CRCW060310K0FKEA
28
1
R42
RES, 0603 3.01k 1% 1/10W
VISHAY CRCW06033K01FKEA
29
1
R43
RES, 0603 4.64k 1% 1/10W
VISHAY CRCW06034K64FKEA
30
1
U1
IC, STEP-DOWN CONVERTER
LINEAR TECH LTC3866EUF
Additional Demo Board Circuit Components
1
0
COUT4, COUT5
CAP, 7343 330μF 20% 2.5V POSCAP OPTION
SANYO 2R5TPE330M9 OPTION
2
0
C23, C29, C32, C33, C34
CAP, 0603 OPTION
OPTION
3
0
Q2, Q4
XSTR, OPTION
OPTION
4
0
RN1
THERMISTOR, OPTION
OPTION
5
0
R1-R6, R35, R41, R47, R48
RES, 0603 OPTION
OPTION
6
0
R18
RES, 2512 OPTION
OPTION


Similar Part No. - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3866 LINER-LTC3866 Datasheet
550Kb / 36P
   Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC3866 LINER-LTC3866 Datasheet
465Kb / 36P
   Current Mode Synchronous Controller for Sub Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
1Mb / 112P
   Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3866 LINER-LTC3866 Datasheet
1,006Kb / 22P
   PolyPhase Step-Down Synchronous Slave Controller with Sub-Milliohm DCR Sensing
LTC3866 LINER-LTC3866 Datasheet
979Kb / 46P
   Dual, 2-Phase, Synchronous Controller with Low Value DCR Sensing and Temperature Compensation
More results

Similar Description - LTC3866EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3774EUHE LINER-LTC3774EUHE Datasheet
2Mb / 12P
   High Efficiency Dual Output Step-Down Converter with Very Low DCR Inductor
LTC3875EUJ LINER-LTC3875EUJ Datasheet
921Kb / 10P
   High Efficient, Single Output Synchronous Buck Converter with Very Low DCR Inductor
logo
ON Semiconductor
NCV894530 ONSEMI-NCV894530 Datasheet
88Kb / 8P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 2
NCV894630 ONSEMI-NCV894630 Datasheet
88Kb / 9P
   High Efficiency Low Voltage Step-Down Converter
September, 2015 ??Rev. 1
logo
Richtek Technology Corp...
RT8092 RICHTEK-RT8092 Datasheet
327Kb / 27P
   High Efficiency Step-Down Converter
logo
Texas Instruments
TPS62510 TI1-TPS62510_16 Datasheet
1Mb / 28P
[Old version datasheet]   High Efficiency Step-Down Converter
TPS82084 TI-TPS82084_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP??with Integrated Inductor
TPS82085 TI-TPS82085_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS82085 3-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82084 TI-TPS82084_15 Datasheet
810Kb / 23P
[Old version datasheet]   TPS82084 2-A High Efficiency Step-Down Converter MicroSiP with Integrated Inductor
TPS82692 TI-TPS82692 Datasheet
2Mb / 31P
[Old version datasheet]   High-Efficiency MicroSiP STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com