Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST72521M Datasheet(PDF) 193 Page - STMicroelectronics

Part # ST72521M
Description  8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
PDF  199 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72521M Datasheet(HTML) 193 Page - STMicroelectronics

Back Button ST72521M Datasheet HTML 189Page - STMicroelectronics ST72521M Datasheet HTML 190Page - STMicroelectronics ST72521M Datasheet HTML 191Page - STMicroelectronics ST72521M Datasheet HTML 192Page - STMicroelectronics ST72521M Datasheet HTML 193Page - STMicroelectronics ST72521M Datasheet HTML 194Page - STMicroelectronics ST72521M Datasheet HTML 195Page - STMicroelectronics ST72521M Datasheet HTML 196Page - STMicroelectronics ST72521M Datasheet HTML 197Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 199 page
background image
ST72521M/R/AR
193/199
ST72521M/(A)R DEVICE CONFIGURATION AND ORDERING INFORMATION (Cont’d)
14.2 DEVICE ORDERING INFORMATION AND TRANSFER OF CUSTOMER CODE
Customer code is made up of the ROM contents
and the list of the selected options (if any). The
ROM contents are to be sent on diskette, or by
electronic means, with the S19 hexadecimal file
generated by the development tool. All unused
bytes must be set to FFh.
The
selected
options
are
communicated
to
STMicroelectronics using the correctly completed
OPTION LIST appended.
The STMicroelectronics Sales Organization will be
pleased to provide detailed information on con-
tractual points.
Figure 120. ROM Factory Coded Device Types
Table 29. Orderable Flash Device Types
DEVICE PACKAGE
TEMP.
RANGE
XXX
/
Code name (defined by STMicroelectronics)
1= 0 to +70 °C
5= -10 to +85 °C
6= -40 to +85 °C
C = -40 to +125 °C
T= Plastic Thin Quad Flat Pack
ST72521R9, ST72521R7, ST72521R6
ST72521AR9, ST72521AR7, ST72521AR6
ST72521M9, ST72521M7
Part Number
Program
Memory
(Bytes)
Temp. Range
Package
ST72F521M9TC
60KB FLASH
-40°C +125°C
TQFP80
ST72F521M9T6
-40°C +85°C
TQFP80
ST72F521R9TC
-40°C +125°C
TQFP64 14 x 14
ST72F521R9T6
-40°C +85°C
TQFP64 14 x 14
ST72F521AR9TC
-40°C +125°C
TQFP64 10 x 10
ST72F521AR9T6
-40°C +85°C
TQFP64 10 x 10
ST72F521R6TC
32KB FLASH
-40°C +125°C
TQFP64 14 x 14
ST72F521R6T6
-40°C +85°C
TQFP64 14 x 14
ST72F521AR6TC
-40°C +125°C
TQFP64 10 x 10
ST72F521AR6T6
-40°C +85°C
TQFP64 10 x 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com