Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS5530A Datasheet(PDF) 121 Page - Advanced Micro Devices

Part # CS5530A
Description  AMD Geode CS5530A Companion Device
PDF  259 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

CS5530A Datasheet(HTML) 121 Page - Advanced Micro Devices

Back Button CS5530A Datasheet HTML 117Page - Advanced Micro Devices CS5530A Datasheet HTML 118Page - Advanced Micro Devices CS5530A Datasheet HTML 119Page - Advanced Micro Devices CS5530A Datasheet HTML 120Page - Advanced Micro Devices CS5530A Datasheet HTML 121Page - Advanced Micro Devices CS5530A Datasheet HTML 122Page - Advanced Micro Devices CS5530A Datasheet HTML 123Page - Advanced Micro Devices CS5530A Datasheet HTML 124Page - Advanced Micro Devices CS5530A Datasheet HTML 125Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 259 page
background image
AMD Geode™ CS5530A Companion Device Data Book
121
XpressAUDIO™ Subsystem
Revision 1.1
4.7.1.2
Physical Region Descriptor Table Address
Before the bus master starts a master transfer it must be
programmed with a pointer (PRD Table Address Register)
to a Physical Region Descriptor Table. This pointer sets the
starting memory location of the Physical Region Descrip-
tors (PRDs). The PRDs describe the areas of memory that
are used in the data transfer. The descriptor table entries
must be aligned on a 4-byte boundary and the table cannot
cross a 64 KB boundary in memory.
4.7.1.3
Physical Region Descriptor Format
Each physical memory region to be transferred is
described by a Physical Region Descriptor (PRD) as illus-
trated in Table 4-65. When the bus master is enabled
(Command Register bit 0 = 1), data transfer proceeds until
each PRD in the PRD table has been transferred. The bus
master does not cache PRDs.
The PRD table consists of two DWORDs. The first DWORD
contains a 32-bit pointer to a buffer to be transferred. The
second DWORD contains the size (16 bits) of the buffer
and flags (EOT, EOP, JMP). The description of the flags are
as follows:
• EOT bit - If set in a PRD, this bit indicates the last entry
in the PRD table (bit 31). The last entry in a PRD table
must have either the EOT bit or the JMP bit set. A PRD
can not have both the JMP and EOT bits set.
• EOP bit - If set in a PRD and the bus master has
completed the PRD’s transfer, the End of Page bit is set
(Status Register bit 0 = 1) and an SMI is generated. If a
second EOP is reached due to the completion of
another PRD before the End of Page bit is cleared, the
Bus Master Error bit is set (Status Register bit 1 = 1) and
the bus master pauses. In this paused condition, reading
the Status Register clears both the Bus Master Error
and the End of Page bits and the bus master continues.
• JMP bit - This PRD is special. If set, the Memory Region
Physical Base Address is now the target address of the
JMP. There is no data transfer with this PRD. This PRD
allows the creation of a looping mechanism. If a PRD
table is created with the JMP bit set in the last PRD, the
PRD table does not need a PRD with the EOT bit set. A
PRD can not have both the JMP and EOT bits set.
Table 4-65. Physical Region Descriptor Format
DWORD
Byte 3
Byte 2
Byte 1
Byte 0
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9
8
7
6
5
4
3
2
1
0
0
Memory Region Base Address [31:1] (Audio Data Buffer)
0
1E
O
T
E
O
P
J
M
P
Reserved
Size [15:1]
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com