Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F62X-20/SS Datasheet(PDF) 102 Page - Microchip Technology

Part # PIC16F62X-20/SS
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X-20/SS Datasheet(HTML) 102 Page - Microchip Technology

Back Button PIC16F62X-20/SS Datasheet HTML 98Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 99Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 100Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 101Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 102Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 103Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 104Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 105Page - Microchip Technology PIC16F62X-20/SS Datasheet HTML 106Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 170 page
background image
PIC16F62X
DS40300C-page 100
Preliminary
 2003 Microchip Technology Inc.
FIGURE 14-11:
EXTERNAL POWER-ON
RESET CIRCUIT (FOR
SLOW VDD POWER-UP)
FIGURE 14-12:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 1
FIGURE 14-13:
EXTERNAL BROWN-OUT
PROTECTION CIRCUIT 2
Note
1: External Power-on Reset circuit is required
only if V
DD power-up slope is too slow. The
diode D helps discharge the capacitor
quickly when V
DD powers down.
2: R < 40 k
Ω is recommended to make sure
that voltage drop across R does not violate
the device’s electrical specification.
3: R1 = 100
Ω to 1 kΩ will limit any current
flowing into MCLR from external capacitor
C in the event of MCLR/V
PP pin breakdown
due to Electrostatic Discharge (ESD) or
Electrical Overstress (EOS).
C
R1
R
D
V
DD
MCLR
PIC16F62X
V
DD
Note
1: This circuit will activate RESET when V
DD
goes below (Vz + 0.7V) where Vz = Zener
voltage.
2: Internal Brown-out Detect Reset circuitry
should be disabled when using this circuit.
V
DD
33k
10k
40k
V
DD
MCLR
PIC16F62X
Vdd x
R1
R1 + R2
= 0.7 V
V
DD
R2
40k
V
DD
MCLR
PIC16F62X
R1
Q1
Note
1:
This Brown-out Circuit is less expensive, albeit
less accurate. Transistor Q1 turns off when V
DD is
below a certain level such that:
2:
Internal Brown-out Detect Reset should be
disabled when using this circuit.
3:
Resistors should be adjusted for the
characteristics of the transistor.
V
DD x
R1
R1 + R2
= 0.7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com