Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AM6526 Datasheet(PDF) 258 Page - Texas Instruments

Click here to check the latest version.
Part # AM6526
Description  Sitara Processors
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM6526 Datasheet(HTML) 258 Page - Texas Instruments

Back Button AM6526 Datasheet HTML 254Page - Texas Instruments AM6526 Datasheet HTML 255Page - Texas Instruments AM6526 Datasheet HTML 256Page - Texas Instruments AM6526 Datasheet HTML 257Page - Texas Instruments AM6526 Datasheet HTML 258Page - Texas Instruments AM6526 Datasheet HTML 259Page - Texas Instruments AM6526 Datasheet HTML 260Page - Texas Instruments AM6526 Datasheet HTML 261Page - Texas Instruments AM6526 Datasheet HTML 262Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 299 page
background image
258
AM6548, AM6528, AM6546
AM6526, AM6527
SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
•
Key Features:
–
Full coherency across all commands
–
Bank interleaving
–
Priority based scheduling
–
Scheduling based on bank openness
–
Class of Service (CoS)
•
Three latency classes supported
•
Programmable counters to tune CoS
–
Read/write scheduling to avoid turn-around time
–
Prioritized refresh scheduling
–
Dynamic change of refresh rate via software for extended temperatures
–
Statistical counters for performance management
•
ECC Features:
–
SECDED for 32-bit interface (39-bit with ECC)
•
Supported only for DDR4
–
SECDED for 16-bit interface (22-bit with ECC)
•
Supported for DDR4 and LPDDR4
–
SECDED for 8-bit interface (13-bit with ECC)
•
Supported only for DDR4
–
Read-modify-write ECC for sub-word writes
–
ECC address error logging
–
Statistical counters for counting ECC errors
–
Injecting ECC errors during normal operation for validation
–
Automatic ECC scrub operation inside the Synopsys DDR Controller for any read command
received which has led to a single-bit error.
•
At any time, only one outstanding ECC scrub operation is allowed inside the Synopsys DDR
Controller
•
Low Power Features:
–
All power modes defined by JEDEC (clock stop for LPDDRx, self-refresh, power-down, etc.)
–
Self-refresh entry and exit via software or clock stop req/ack
–
System bus clock stop via clock stop request when controller is idle
–
Automatic idle power saving mode when no or low activity is detected
–
DDR and system bus clock frequency change using self-refresh via software or clock stop request
–
Turning off SoC power after DDR is put into self-refresh (DDR reset and CKE IO retention)
•
Functional Safety Features:
–
ECC on data
–
Parity on address and command
–
ECC on internal RAMs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com