Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSP56857 Datasheet(PDF) 493 Page - Freescale Semiconductor, Inc

Part # DSP56857
Description  Digitial Signal Controller
PDF  662 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56857 Datasheet(HTML) 493 Page - Freescale Semiconductor, Inc

Back Button DSP56857 Datasheet HTML 489Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 490Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 491Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 492Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 493Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 494Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 495Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 496Page - Freescale Semiconductor, Inc DSP56857 Datasheet HTML 497Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 493 / 662 page
background image
Appendix - A Glossary, Rev. 4
Freescale Semiconductor
A-7
FPINx
FAULTx Pin
FREF
Reference Frequency
FTACKx
FAULTx Pin Acknowledge
GPIO
General Purpose Input/Output
GPR
Group Priority Register
Harvard
A microprocessor architecture using separate buses for program and data. This is
Architecture
data is typically used on DSPs to optimise the data throughput.
HACK
Host Acknowledge Input Pin
HBO
Hardware Breakpoint Occurrence
HC
Host Command Bit
HCIE
Host Command Interrupt Enable Bit
HCP
Host Command Pending Bit
HCR
Host Interface Control Register
HDDS
Host Dual Data Strobe Bit
HDMA
Host DMA Status Bit
HF0
Host Flag 0 Bit (general-purpose flag)
HF1
Host Flag 1 Bit (general-purpose flag)
HF2
Host Flag 2 Bit (general-purpose flag)
HF3
Host Flag 3 Bit (general-purpose flag)
HLEND
Host Little Endian Bit
HLMTI
High Limit Interrupt Bit
HLMTIE
High Limit Interrupt Enable Bit
HM0
Host Mode Control 0 Bit
HM1
Host Mode Control 1 Bit
HOLD
Hold Register
HOME
Home Switch Input
HRDF
Host Status Receive Data Full Bit
HREQ
Host Request Output Bit
HRIE
Host Receive Interrupt Enable Bit
HRMS
Host Request Mode Select Bit
HRRQ
Host Receive Request Bit
HRX
Host Interface Data Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com