| Electronic Components Datasheet Search |
|
DSP56857 Datasheet(PDF) 126 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
DSP56857 Datasheet(HTML) 126 Page - Freescale Semiconductor, Inc |
|
126 / 662 page ![]() Resets 5685X Digital Signal Controller User Manual, Rev. 4 4-18 Freescale Semiconductor The SIM generates four reset outputs. All are active low. These all are activated by one of the two detectors but remain asserted for 32-system clock cycles after the detector deasserts. This permits the SIM to generate 32-system clock cycles of continuous clocking to the part while the reset remains asserted. This is required to clear synchronous resets within the 56800E core and elsewhere in the part. The RST_CORE, RST_PERIPH, and RST_CGM outputs are activated by the chip-internal reset detector and the RST_TOD output is activated by the POR reset detector. The RST_CORE output is used to reset the core. The RST_TOD output is used to reset all controls used to configure time-of-day clock to retain their value once the part is powered on. See TOD, COP, OSC chapters. The RST_CGM is re-timed to the OSC_CLK and is used to reset the CGM module, in turn using the oscillator clock directly. The RST_PERIPH reset is used to reset everything else. Standards require the part to be held in reset during boundary scan operations. When the BSCAN_EBL input is asserted, all resets used within the SIM and all reset outputs of the SIM will go to their active asserted state. This prevents accidental damage due to random inputs applied during boundary scan testing. Power modes discussed in Section 4.9 affect reset function. COP reset is not honored if the OSC module is in its Low Power mode since the OSC module shuts off all clocking to the part and without a clock, the SIM can’t see the synchronous COP reset. COP reset will be honored immediately upon return to Run mode when clocks resume. There are two ways to permit a COP reset to be honored in Stop mode: 1. Either set OMR6_SD (core register OMR6 bit SD), or 2. Set TOD_SEL in the CGM control register Setting OMR6_SD configures for fast Stop mode recovery. Setting TOD_SEL selects the CGM’s time-of-day clock prescaler for use rather than the one in the OSC module. Either, or both, prevent the OSC from shutting off its clock outputs. In turn, this provides an active CLK_MSTR input to the SIM, allowing an immediate COP reset. The Software Reset is only operable in Run mode when the CPU can write to the SIM Control register to activate Software Reset. The Low Power modes and controls are explained in detail in the next chapter. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |