Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF4520E/SP Datasheet(PDF) 336 Page - Microchip Technology

Part # PIC18LF4520E/SP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4520E/SP Datasheet(HTML) 336 Page - Microchip Technology

Back Button PIC18LF4520E/SP Datasheet HTML 332Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 333Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 334Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 335Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 336Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 337Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 338Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 339Page - Microchip Technology PIC18LF4520E/SP Datasheet HTML 340Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 336 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 334
Preliminary
 2004 Microchip Technology Inc.
Module Differential Currents (
∆IWDT, ∆IBOR, ∆ILVD, ∆IOSCB, ∆IAD)
D022
(
∆IWDT)
Watchdog Timer
1.3
7.6
µA-40°C
VDD = 2.0V
1.4
8.0
µA+25°C
2.0
8.4
µA+85°C
1.9
11.4
µA-40°C
VDD = 3.0V
2.0
12.0
µA+25°C
2.8
12.6
µA+85°C
4.0
14.3
µA-40°C
VDD = 5.0V
5.5
15.0
µA+25°C
5.6
15.8
µA+85°C
D022A
(
∆IBOR)
Brown-out Reset(5)
35
52
µA-40°C to +85°CVDD = 3.0V
40
63
µA-40°C to +85°CVDD = 5.0V
40
63
µA-40°C to +85°CVDD = 5.0V
Sleep mode,
BOREN1:BOREN0 = 10
D022B
(
∆ILVD)
High/Low-Voltage
Detect(5)
22
47
µA-40°C to +85°C
VDD = 2.0V
25
58
µA-40°C to +85°CVDD = 3.0V
29
69
µA-40°C to +85°CVDD = 5.0V
D025
(
∆IOSCB)
Timer1 Oscillator
0.01
4.8
µA-10°C
VDD = 2.0V
32 kHz on Timer1(4)
0.01
5.0
µA+25°C
0.01
5.3
µA+70°C
0.01
7.6
µA-10°C
VDD = 3.0V
32 kHz on Timer1(4)
0.01
8.0
µA+25°C
0.01
8.4
µA+70°C
0.01
9.5
µA-10°C
VDD = 5.0V
32 kHz on Timer1(4)
0.01
10.0
µA+25°C
0.01
10.5
µA+70°C
D026
(
∆IAD)
A/D Converter
1.0
2.0
µAVDD = 2.0V
A/D on, not converting
1.0
2.0
µAVDD = 3.0V
1.0
2.0
µAVDD = 5.0V
26.2
DC Characteristics: Power-Down and Supply Current
PIC18F2420/2520/4420/4520 (Industrial)
PIC18LF2420/2520/4420/4520 (Industrial) (Continued)
PIC18LFX42X/X52X
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
PIC18FX42X/X52X
(Industrial)
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ +85°C for industrial
ParamNo.
Device
Typ
Max
Units
Conditions
Legend:
Shading of rows is to assist in readability of the table.
Note 1:
The power-down current in Sleep mode does not depend on the oscillator type. Power-down current is measured
with the part in Sleep mode, with all I/O pins in high-impedance state and tied to VDD or VSS and all features that
add delta current disabled (such as WDT, Timer1 Oscillator, BOR, etc.).
2:
The supply current is mainly a function of operating voltage, frequency and mode. Other factors, such as I/O pin
loading and switching rate, oscillator type and circuit, internal code execution pattern and temperature, also have
an impact on the current consumption.
The test conditions for all IDD measurements in active operation mode are:
OSC1 = external square wave, from rail-to-rail; all I/O pins tri-stated, pulled to VDD;
MCLR = VDD; WDT enabled/disabled as specified.
3:
For RC oscillator configurations, current through REXT is not included. The current through the resistor can be
estimated by the formula Ir = VDD/2REXT (mA) with REXT in k
Ω.
4:
Standard low-cost 32 kHz crystals have an operating temperature range of -10°C to +70°C. Extended temperature
crystals are available at a much higher cost.
5:
BOR and HLVD enable internal band gap reference. With both modules enabled, current consumption will be
less than the sum of both specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com