| Electronic Components Datasheet Search |
|
PIC18LF2420E/MLQTP Datasheet(PDF) 113 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF2420E/MLQTP Datasheet(HTML) 113 Page - Microchip Technology |
|
113 / 390 page ![]() 2004 Microchip Technology Inc. Preliminary DS39631A-page 111 PIC18F2420/2520/4420/4520 10.3 PORTC, TRISC and LATC Registers PORTC is an 8-bit wide, bidirectional port. The corre- sponding data direction register is TRISC. Setting a TRISC bit (= 1) will make the corresponding PORTC pin an input (i.e., put the corresponding output driver in a high-impedance mode). Clearing a TRISC bit (= 0) will make the corresponding PORTC pin an output (i.e., put the contents of the output latch on the selected pin). The Data Latch register (LATC) is also memory mapped. Read-modify-write operations on the LATC register read and write the latched output value for PORTC. PORTC is multiplexed with several peripheral functions (Table 10-5). The pins have Schmitt Trigger input buff- ers. RC1 is normally configured by configuration bit, CCP2MX, as the default peripheral pin of the CCP2 module (default/erased state, CCP2MX = 1). When enabling peripheral functions, care should be taken in defining TRIS bits for each PORTC pin. Some peripherals override the TRIS bit to make a pin an output, while other peripherals override the TRIS bit to make a pin an input. The user should refer to the corresponding peripheral section for additional information. The contents of the TRISC register are affected by peripheral overrides. Reading TRISC always returns the current contents, even though a peripheral device may be overriding one or more of the pins. EXAMPLE 10-3: INITIALIZING PORTC Note: On a Power-on Reset, these pins are configured as digital inputs. CLRF PORTC ; Initialize PORTC by ; clearing output ; data latches CLRF LATC ; Alternate method ; to clear output ; data latches MOVLW 0CFh ; Value used to ; initialize data ; direction MOVWF TRISC ; Set RC<3:0> as inputs ; RC<5:4> as outputs ; RC<7:6> as inputs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |