Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18LF4520E/SPSTQP Datasheet(PDF) 208 Page - Microchip Technology

Part # PIC18LF4520E/SPSTQP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with 10-Bit A/D and nanoWatt Technology
PDF  390 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4520E/SPSTQP Datasheet(HTML) 208 Page - Microchip Technology

Back Button PIC18LF4520E/SPSTQP Datasheet HTML 204Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 205Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 206Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 207Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 208Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 209Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 210Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 211Page - Microchip Technology PIC18LF4520E/SPSTQP Datasheet HTML 212Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 390 page
background image
PIC18F2420/2520/4420/4520
DS39631A-page 206
Preliminary
 2004 Microchip Technology Inc.
EXAMPLE 18-1:
CALCULATING BAUD RATE ERROR
TABLE 18-2:
REGISTERS ASSOCIATED WITH BAUD RATE GENERATOR
For a device with FOSC of 16 MHz, desired baud rate of 9600, Asynchronous mode, 8-bit BRG:
Desired Baud Rate
=
FOSC/(64 ([SPBRGH:SPBRG] + 1))
Solving for SPBRGH:SPBRG:
X=
((FOSC/Desired Baud Rate)/64) – 1
=
((16000000/9600)/64) – 1
=
[25.042] = 25
Calculated Baud Rate
=
16000000/(64 (25 + 1))
=
9615
Error
=
(Calculated Baud Rate – Desired Baud Rate)/Desired Baud Rate
=
(9615 – 9600)/9600 = 0.16%
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset Values
on page
TXSTA
CSRC
TX9
TXEN
SYNC
SENDB
BRGH
TRMT
TX9D
51
RCSTA
SPEN
RX9
SREN
CREN
ADDEN
FERR
OERR
RX9D
51
BAUDCON
ABDOVF
RCIDL
—
SCKP
BRG16
—
WUE
ABDEN
51
SPBRGH
EUSART Baud Rate Generator Register, High Byte
51
SPBRG
EUSART Baud Rate Generator Register, Low Byte
51
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used by the BRG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com