Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NUC505-YO2N Datasheet(PDF) 106 Page - Nuvoton Technology Corporation

Part # NUC505-YO2N
Description  ARM짰 Cortex짰-M4 32-bit Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUVOTON [Nuvoton Technology Corporation]
Direct Link  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC505-YO2N Datasheet(HTML) 106 Page - Nuvoton Technology Corporation

Back Button NUC505-YO2N Datasheet HTML 102Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 103Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 104Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 105Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 106Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 107Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 108Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 109Page - Nuvoton Technology Corporation NUC505-YO2N Datasheet HTML 110Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 130 page
background image
NUC505
July. 26, 2018
Page 106 of 130
Rev.1.08
SYMBOL
PARAMETER
SPECIFICATION
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
RPD
Input Pull-down
Resistance
37
49
120
kΩ
VIN = VDD
IL
Input Leakage
Current
-10
-
10
uA
IOZ
Tri-State Output
Leakage Current
-10
-
10
uA
IOL1
Low level sink
current [*1]
4
-
-
mA
VOL = 0.4V
IOL2
8
-
-
mA
IOL3
2、6.5、
8.7、
13、
15.2、
19.5、
21.7、
26.1
-
-
mA
IOH1
High level source
current [*2]
4
-
-
mA
VOH = 2.4V
IOH2
8
-
-
mA
IOH3
2、6.5、
8.7、
13、
15.2、
19.5、
21.7、
26.1
-
-
mA
IDD1
VDD= 3.3V,
Operating current
Normal Run Mode
while(1){}
executed from SPI
flash or RAM
-
18.83
-
mA
HXT
12Mhz
LXT
PLL
96Mhz
All
digital
module
Code
✔
✕
✔
✕
SPI
IDD2
-
27.33
-
✔
✕
✔
✔
SPI
IDD3
-
25.38
-
✔
✕
✔
✕
RAM
IDD4
-
32.13
-
✔
✕
✔
✔
RAM
IDD5
-
4.53
✔
✕
✕
✕
SPI
IDD6
-
6.47
✔
✕
✕
✔
SPI
IDD7
5.23
✔
✕
✕
✕
RAM
IDD8
5.94
✔
✕
✕
✔
RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com