Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3904 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3904
Description  General Purpose Transistors(NPN Silicon)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3904 Datasheet(HTML) 2 Page - ON Semiconductor

  2N3904 Datasheet HTML 1Page - ON Semiconductor 2N3904 Datasheet HTML 2Page - ON Semiconductor 2N3904 Datasheet HTML 3Page - ON Semiconductor 2N3904 Datasheet HTML 4Page - ON Semiconductor 2N3904 Datasheet HTML 5Page - ON Semiconductor 2N3904 Datasheet HTML 6Page - ON Semiconductor 2N3904 Datasheet HTML 7Page - ON Semiconductor 2N3904 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2N3903, 2N3904
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector–Emitter Breakdown Voltage (Note 2.) (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
40
Vdc
Collector–Base Breakdown Voltage (IC = 10 mAdc, IE = 0)
V(BR)CBO
60
Vdc
Emitter–Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
6.0
Vdc
Base Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
IBL
50
nAdc
Collector Cutoff Current (VCE = 30 Vdc, VEB = 3.0 Vdc)
ICEX
50
nAdc
ON CHARACTERISTICS
DC Current Gain (Note 2.)
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 10 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 50 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
(IC = 100 mAdc, VCE = 1.0 Vdc)
2N3903
2N3904
hFE
20
40
35
70
50
100
30
60
15
30
150
300
Collector–Emitter Saturation Voltage (Note 2.)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc
VCE(sat)
0.2
0.3
Vdc
Base–Emitter Saturation Voltage (Note 2.)
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
0.85
0.95
Vdc
SMALL–SIGNAL CHARACTERISTICS
Current–Gain – Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
2N3903
2N3904
fT
250
300
MHz
Output Capacitance (VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.0
pF
Input Capacitance (VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
8.0
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hie
1.0
1.0
8.0
10
k
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hre
0.1
0.5
5.0
8.0
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3903
2N3904
hfe
50
100
200
400
Output Admittance (IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
40
mmhos
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 1.0 k Ω, f = 1.0 kHz)
2N3903
2N3904
NF
6.0
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = 0.5 Vdc,
td
35
ns
Rise Time
(VCC 3.0 Vdc, VBE 0.5 Vdc,
IC = 10 mAdc, IB1 = 1.0 mAdc)
tr
35
ns
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc,
2N3903
IB1 = IB2 = 1.0 mAdc)
2N3904
ts
175
200
ns
Fall Time
tf
50
ns
2. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2%.


Similar Part No. - 2N3904

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
logo
KODENSHI_AUK CORP.
2N3904 KODENSHI-2N3904 Datasheet
179Kb / 4P
   NPN Silicon Transistor
logo
Diotec Semiconductor
2N3904 DIOTEC-2N3904 Datasheet
98Kb / 2P
   Si-Epitaxial PlanarTransistors
logo
Central Semiconductor C...
2N3904 CENTRAL-2N3904 Datasheet
323Kb / 2P
   NPN SILICON TRANSISTOR
logo
List of Unclassifed Man...
2N3904 ETC-2N3904 Datasheet
209Kb / 3P
   NPN Transistor TO-92
17/09/19 V1.0
More results

Similar Description - 2N3904

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BC847BRLT1 LRC-BC847BRLT1 Datasheet
117Kb / 3P
   General Purpose Transistors(NPN Silicon)
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
BCX70GLT1 LRC-BCX70GLT1 Datasheet
318Kb / 6P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4123 ONSEMI-2N4123_07 Datasheet
81Kb / 6P
   General Purpose Transistors NPN Silicon
March, 2007 ??Rev. 3
logo
Comchip Technology
MMBT2222LT1 COMCHIP-MMBT2222LT1_06 Datasheet
85Kb / 6P
   General Purpose Transistors NPN Silicon
logo
Leshan Radio Company
BC817-16LT1 LRC-BC817-16LT1 Datasheet
51Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
2N4400 ONSEMI-2N4400 Datasheet
303Kb / 6P
   General Purpose Transistors(NPN Silicon)
1996 REV 1
BC818-40LT1G ONSEMI-BC818-40LT1G Datasheet
134Kb / 4P
   General Purpose Transistors NPN Silicon
August, 2009 ??Rev. 2
logo
Leshan Radio Company
L2SC2412KQMT1G LRC-L2SC2412KQMT1G Datasheet
147Kb / 4P
   General Purpose Transistors NPN Silicon
LBC846ALT1G LRC-LBC846ALT1G_11 Datasheet
573Kb / 13P
   General Purpose Transistors NPN Silicon
logo
ON Semiconductor
BC847ATT1 ONSEMI-BC847ATT1 Datasheet
75Kb / 6P
   General Purpose Transistors NPN Silicon
June, 2004 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com