Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3906 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 2N3906
Description  General Purpose Transistors(PNP Silicon)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3906 Datasheet(HTML) 2 Page - ON Semiconductor

  2N3906 Datasheet HTML 1Page - ON Semiconductor 2N3906 Datasheet HTML 2Page - ON Semiconductor 2N3906 Datasheet HTML 3Page - ON Semiconductor 2N3906 Datasheet HTML 4Page - ON Semiconductor 2N3906 Datasheet HTML 5Page - ON Semiconductor 2N3906 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2N3905 2N3906
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
2N3905
2N3906
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
2N3905
2N3906
(IC = 10 mAdc, VCE = 1.0 Vdc)
2N3905
2N3906
(IC = 50 mAdc, VCE = 1.0 Vdc)
2N3905
2N3906
(IC = 100 mAdc, VCE = 1.0 Vdc)
2N3905
2N3906
hFE
30
60
40
80
50
100
30
60
15
30
150
300
Collector – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc
VCE(sat)
0.25
0.4
Vdc
Base – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
0.85
0.95
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
2N3905
2N3906
fT
200
250
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
4.5
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
10.0
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3905
2N3906
hie
0.5
2.0
8.0
12
k
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3905
2N3906
hre
0.1
0.1
5.0
10
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3905
2N3906
hfe
50
100
200
400
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
2N3905
2N3906
hoe
1.0
3.0
40
60
mmhos
Noise Figure
(IC = 100 mAdc, VCE = 5.0 Vdc, RS = 1.0 k Ω, f = 1.0 kHz)
2N3905
2N3906
NF
5.0
4.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE = 0.5 Vdc,
td
35
ns
Rise Time
( CC
,
BE
,
IC = 10 mAdc, IB1 = 1.0 mAdc)
tr
35
ns
Storage Time
2N3905
2N3906
(VCC = 3.0 Vdc, IC = 10 mAdc,
ts
200
225
ns
Fall Time
(VCC = 3.0 Vdc, IC = 10 mAdc,
IB1 = IB2 = 1.0 mAd
2N3905
2N3906
tf
60
75
ns
1. Pulse Test: Pulse Width
v 300 ms; Duty Cycle v 2.0%.


Similar Part No. - 2N3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3906 PHILIPS-2N3906 Datasheet
46Kb / 8P
   PNP switching transistor
1999 Apr 23
logo
New Jersey Semi-Conduct...
2N3906 NJSEMI-2N3906 Datasheet
173Kb / 2P
   PNP SMALL SIGNAL GENERAL PURPOSE AMPLIFIER AND SWITCH
logo
Central Semiconductor C...
2N3906 CENTRAL-2N3906 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
Jiangsu Changjiang Elec...
2N3906 JIANGSU-2N3906 Datasheet
506Kb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
Silicon Standard Corp.
2N3906 SSC-2N3906 Datasheet
261Kb / 4P
   TRANSISTOR(PNP)
More results

Similar Description - 2N3906

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
   General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
   General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
   General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
   General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
   PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
   General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
   General Purpose Transistors(PNP Silicon)
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
   General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
   General Purpose Transistors PNP Silicon
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com