Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N3906 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N3906
Description  General Purpose Transistors(PNP Silicon)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N3906 Datasheet(HTML) 3 Page - ON Semiconductor

  2N3906 Datasheet HTML 1Page - ON Semiconductor 2N3906 Datasheet HTML 2Page - ON Semiconductor 2N3906 Datasheet HTML 3Page - ON Semiconductor 2N3906 Datasheet HTML 4Page - ON Semiconductor 2N3906 Datasheet HTML 5Page - ON Semiconductor 2N3906 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N3905 2N3906
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
3 V
275
10 k
1N916
CS < 4 pF*
3 V
275
10 k
CS < 4 pF*
< 1 ns
+0.5 V
10.6 V
300 ns
DUTY CYCLE = 2%
< 1 ns
+9.1 V
10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors
TYPICAL TRANSIENT CHARACTERISTICS
Figure 3. Capacitance
REVERSE BIAS (VOLTS)
2.0
3.0
5.0
7.0
10
1.0
0.1
Figure 4. Charge Data
IC, COLLECTOR CURRENT (mA)
5000
1.0
VCC = 40 V
IC/IB = 10
3000
2000
1000
500
300
200
700
100
50
70
2.0 3.0
5.0 7.0 10
20
30
50 70 100
200
1.0
2.0 3.0
5.0 7.0 10
20 30 40
0.2 0.3
0.5 0.7
QT
QA
Cibo
Cobo
TJ = 25°C
TJ = 125°C
Figure 5. Turn – On Time
IC, COLLECTOR CURRENT (mA)
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
Figure 6. Fall Time
IC, COLLECTOR CURRENT (mA)
5.0 7.0
30
50
200
10
30
7
20
70
100
200
300
500
50
1.0
2.0 3.0
10
20
70
5
100
5.0 7.0
30
50
200
10
30
7
20
VCC = 40 V
IB1 = IB2
IC/IB = 20
IC/IB = 10
IC/IB = 10
tr @ VCC = 3.0 V
td @ VOB = 0 V
40 V
15 V
2.0 V


Similar Part No. - 2N3906

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2N3906 PHILIPS-2N3906 Datasheet
46Kb / 8P
PNP switching transistor
1999 Apr 23
logo
Transys Electronics
2N3906 TRSYS-2N3906 Datasheet
304Kb / 3P
PNP SMALL SIGNAL TRANSISTOR
logo
Rohm
2N3906 ROHM-2N3906 Datasheet
169Kb / 4P
PNP General Purpose Transistor
logo
Semtech Corporation
2N3906 SEMTECH-2N3906 Datasheet
171Kb / 3P
NPN Silicon Expitaxial Planar Transistor for switching and amplifier applications?
logo
Fairchild Semiconductor
2N3906 FAIRCHILD-2N3906 Datasheet
49Kb / 6P
PNP General Purpose Amplifier
More results

Similar Description - 2N3906

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW30LT1 ONSEMI-BCW30LT1 Datasheet
345Kb / 8P
General Purpose Transistors(PNP Silicon)
November, 1999 ??Rev. 0
logo
Leshan Radio Company
BCW29LT1 LRC-BCW29LT1 Datasheet
290Kb / 6P
General Purpose Transistors(PNP Silicon)
BSS63LT1 LRC-BSS63LT1 Datasheet
23Kb / 2P
General Purpose Transistors(PNP Silicon)
L9015LT1 LRC-L9015LT1 Datasheet
52Kb / 3P
General Purpose Transistors PNP Silicon
LBC807-16LT1 LRC-LBC807-16LT1 Datasheet
54Kb / 3P
General Purpose Transistors PNP Silicon
L2SA1576AT1 LRC-L2SA1576AT1 Datasheet
100Kb / 4P
General Purpose Transistors PNP Silicon
logo
Micro Commercial Compon...
BC808-16 MCC-BC808-16 Datasheet
256Kb / 3P
PNP Silicon General Purpose Transistors
logo
Leshan Radio Company
L2SA1576AQT1G LRC-L2SA1576AQT1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1576ART1G LRC-L2SA1576ART1G Datasheet
120Kb / 4P
General Purpose Transistors PNP Silicon
L2SA1577RT1G LRC-L2SA1577RT1G Datasheet
187Kb / 3P
General Purpose Transistors PNP Silicon
logo
ON Semiconductor
SMMBT2907ALT1G ONSEMI-SMMBT2907ALT1G Datasheet
122Kb / 6P
General Purpose Transistors PNP Silicon
August, 2013 ??Rev. 13
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com