Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F45800TE/SOSQTP Datasheet(PDF) 359 Page - Microchip Technology

Part # PIC18F45800TE/SOSQTP
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  484 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F45800TE/SOSQTP Datasheet(HTML) 359 Page - Microchip Technology

Back Button PIC18F45800TE/SOSQTP Datasheet HTML 355Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 356Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 357Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 358Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 359Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 360Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 361Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 362Page - Microchip Technology PIC18F45800TE/SOSQTP Datasheet HTML 363Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 484 page
background image
 2004 Microchip Technology Inc.
Preliminary
DS39637A-page 357
PIC18F2480/2580/4480/4580
24.5
Program Verification and
Code Protection
The overall structure of the code protection on the
PIC18 Flash devices differs significantly from other
PICmicro® devices.
The user program memory is divided into five blocks.
One of these is a boot block of 2 Kbytes. The remainder
of the memory is divided into four blocks on binary
boundaries.
Each of the five blocks has three code protection bits
associated with them. They are:
• Code-Protect bit (CPn)
• Write-Protect bit (WRTn)
• External Block Table Read bit (EBTRn)
Figure 24-5 shows the program memory organization
for 16 and 32-Kbyte devices and the specific code
protection bit associated with each block. The actual
locations of the bits are summarized in Table 24-3.
FIGURE 24-5:
CODE-PROTECTED PROGRAM MEMORY FOR PIC18F2480/2580/4480/4580
Address
Range
MEMORY SIZE/DEVICE
32 Kbytes
(PIC18F2580/4580)
16 Kbytes
(PIC18F2480/4480)
Block Code Protection
Controlled by:
BBSIZ
01
01
000000h
Boot Block
1KW
Boot Block
2KW
Boot Block
1KW
Boot Block
2KW
CPB, WRTB, EBRTB
(Boot Block)
0007FFh
000800h
Block 0
3KW
Block 0
3KW
000FFFh
001000h
Block 0
2KW
Block 0
2KW
CP0, WRT0, EBRT0
(Block 0)
001FFFh
002000h
Block 1
4KW
Block 1
4KW
Block 1
4KW
Block 1
4KW
CP!, WRT1, EBRT1
(Block 1)
003FFFh
004000h
Block 2
4KW
Block 2
4KW
Unimplemented
Read ‘0’s
Unimplemented
Read ‘0’s
CP2, WRT2, EBRT2
(Block 2)
005FFFh
006000h
Block 3
4KW
Block 3
4KW
CP3, WRT3, EBTR3
(Block 3)
007FFFh
008000h
Unimplemented
Read ‘0’s
Unimplemented
Read ‘0’s
(Unimplemented Memory Space)
1FFFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com