Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EPL150PS12 Datasheet(PDF) 2 Page - XP Power Limited

Part # EPL150PS12
Description  AC-DC Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

EPL150PS12 Datasheet(HTML) 2 Page - XP Power Limited

  EPL150PS12 Datasheet HTML 1Page - XP Power Limited EPL150PS12 Datasheet HTML 2Page - XP Power Limited EPL150PS12 Datasheet HTML 3Page - XP Power Limited EPL150PS12 Datasheet HTML 4Page - XP Power Limited EPL150PS12 Datasheet HTML 5Page - XP Power Limited EPL150PS12 Datasheet HTML 6Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Input
Output - Main Output
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Output Voltage - V1
12
48
VDC
See Models and Ratings table
Initial Set Accuracy
±1
%
50% load, 115/230 VAC
Output Voltage Adjustment-V1
%
None
Minimum Load
0A
Start Up Delay
2s
115/230 VAC full load.
Hold Up Time
10
20/13
ms
Min at full load, 115 VAC. Typical at 100W/150W
Drift
±0.02
%
After 20 min warm up
Line Regulation
±0.5
%
90-264 VAC
Load Regulation
±0.5
%
0-100% load.
Transient Response
4%
Recovery within 1% in less than 500 µs
for a 50-75% and 75-50% load step
Over/Undershoot
7%
Full load
Ripple & Noise
1
% pk-pk
20 MHz bandwidth and 10 µF electrolytic capacitator in
parallel with 0.1 µF ceramic capacitator.
Overvoltage Protection
110
140
%
Vnom, recycle input to reset
Overload Protection
110
170
% I nom
Short Circuit Protection
Trip & Restart
Temperature Coefficient
0.02
%/˚C
Overtemperature Protection
°C
Measured internally, Auto Resetting
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Input Voltage - Operating
80
115/230
264
VAC
Derate output from 100% at 90 VAC to 90% at 85 VAC and
85% at 80 VAC
Input Frequency
47
50/60
63
Hz
Power Factor
>0.9
230 VAC, 100% load EN61000-3-2 class A
Input Current - Full Load
2.2/1.1
A
115/230 VAC
Inrush Current
120
A
230 VAC cold start, 25 ºC
Earth Leakage Current
80/140
230
µA
115/230 VAC/50 Hz (Typ), 264 VAC/60 Hz (Max)
No load Input Power
0.5
W
Input Protection
F3.15 A/250 V Internal fuse fitted in line and neutral.
EPL150 Series
www.xppower.com
2
AC-DC Power Supplies


Similar Part No. - EPL150PS12

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
EPL10P8 RICOH-EPL10P8 Datasheet
1Mb / 19P
CMOS ELECTRINICALLY PROGRAMMABLE LOGIC
EPL10P8AD-35 RICOH-EPL10P8AD-35 Datasheet
1Mb / 19P
CMOS ELECTRINICALLY PROGRAMMABLE LOGIC
EPL10P8AD-55 RICOH-EPL10P8AD-55 Datasheet
1Mb / 19P
CMOS ELECTRINICALLY PROGRAMMABLE LOGIC
EPL10P8AP-35 RICOH-EPL10P8AP-35 Datasheet
1Mb / 19P
CMOS ELECTRINICALLY PROGRAMMABLE LOGIC
EPL10P8AP-55 RICOH-EPL10P8AP-55 Datasheet
1Mb / 19P
CMOS ELECTRINICALLY PROGRAMMABLE LOGIC
More results

Similar Description - EPL150PS12

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
AC/DC Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com