Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT03BOR5K201CT Datasheet(PDF) 11 Page - WALSIN TECHNOLOGY CORPORATION

Part # MT03BOR5K201CT
Description  A wide selection of sizes is available
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MT03BOR5K201CT Datasheet(HTML) 11 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MT03BOR5K201CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 11 of 27
ASC_ Automotive Cap_(MT)_022N_DS
Mar. 2019
8. PACKAGING STYLE AND QUANTITY
Size
Thickness (mm)/Symbol
Paper tape
Plastic tape
7” reel
13” reel
7” reel
13” reel
0201 (0603)
0.30±0.03
L
15k
70k
-
-
0402 (1005)
0.50±0.05
N
10k
50k
-
-
0603 (1608)
0.80±0.07
S
4k
15k
-
-
0.80+0.15/-0.10
X
4k
15k
-
-
0805 (2012)
0.60±0.10
A
4k
15k
-
-
0.80±0.10
B
4k
15k
-
-
1.25±0.10
D
-
-
3k
10k
1.25±0.20
I
-
-
3k
10k
1206 (3216)
0.80±0.10
B
4k
15k
-
-
0.95±0.10
C
-
-
3k
10k
1.15±0.15
J
-
-
3k
10k
1.25±0.10
D
-
-
3k
10k
1.60±0.20
G
-
-
2k
10k
1.60+0.30/-0.10
P
-
-
2k
9k
1210 (3225)
0.95±0.10
C
-
-
3k
10k
1.25±0.10
D
-
-
3k
10k
1.60±0.20
G
-
-
2k
-
2.00±0.20
K
-
-
1k
6k
2.50±0.30
M
-
-
1k
6k
.
Unit: pieces


Similar Part No. - MT03BOR5K201CT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
Ultra Bright Blue 3mm LED
MT0303-UO MARKTECH-MT0303-UO Datasheet
375Kb / 2P
Ultra Bright Orange 3mm LED
MT0303-WH MARKTECH-MT0303-WH Datasheet
356Kb / 2P
Ultra Bright White 3mm LED
MT0318-WH MARKTECH-MT0318-WH Datasheet
416Kb / 2P
Ultra Bright White 5mm LED
MT0318-WH-A MARKTECH-MT0318-WH-A Datasheet
187Kb / 3P
Ultra Bright LEDs
More results

Similar Description - MT03BOR5K201CT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
Available in industry standard sizes of 10-64 positions
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
Wide Selection of Panel Seal Boots
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
the series is available in a wide frequency range
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com