Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT03BOR5K201CT Datasheet(PDF) 14 Page - WALSIN TECHNOLOGY CORPORATION

Part # MT03BOR5K201CT
Description  A wide selection of sizes is available
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MT03BOR5K201CT Datasheet(HTML) 14 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MT03BOR5K201CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 13Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 14Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 15Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 16Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 17Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5K201CT Datasheet HTML 18Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 14 of 27
ASC_ Automotive Cap_(MT)_022N_DS
Mar. 2019
No.
AEC-Q200
Test Item
AEC-Q200 Test Condition
Requirements
4. Destructive
Physical Analysis
EIA-469
Per EIA-469
No defects or abnormalities
5. Moisture
Resistance
MIL-STD-202
Method 106
* Test temp.: 25~65°C
* Humidity: 80~100% RH
* Test time: 10 cycles, t=24hrs/cycle.
* Measurement to be made after keeping at
room temp. for 24±2 hrs.
* No remarkable damage.
* Cap change : NPO: within ±3.0% or 0.30pF whichever is larger
X7R: within ±12.5%.
* Q/D.F. value:
NPO: More than 30pF Q
≥350 ; 10pF≤C≤30pF, Q≥275+2.5C
Less than 10pF Q
≥200+10C
X7R:
Rated
vol.
D.F.
Exception of D.F.
100V
3%
6%
1206≧0.47
µF
7.5% 0603≧0.068
µF;0805>0.1µF;1206≧1µF;1210≧2.2µF
20% 0805>0.22µF;1210≧3.3
µF
50V
3%
6%
0201(50V);0603≧0.047
µF;0805≧0.18µF;1206≧0.47µF
10% 0201≧0.01uF;1210≧4.7
µF
20%
0402≧0.012
µF;0603>0.1µF; 0805/X7R>0.47µF;
1206≧2.2
µF;1210≧10µF
35V
5%
20% 0603≧1
µF;0805≥2.2µF;1206≧2.2µF;1210≧10µF
25V
5%
10% 0201≧0.01
µF;0805≧1µF;1210≧10µF
14% 0603≧0.33
µF
15%
0201≧0.1
µF; 0402≧0.056µF;0603≧0.47µF;
0805≧2.2
µF;1206≧4.7µF;1210≧22µF
20% 0402≧0.47
µF
16V
5%
10% 0603≧0.15
µF;0805≧0.68µF;1206≧2.2µF;1210≧4.7µF
15%
0201≧0.022
µF;0402≧0.033µF;
0603>0.47
µF;0805≧2.2µF;1206≧4.7µF;1210≧22µF
10V
7.5%
15%
0201≧0.012
µF;0402≧0.22µF;
0603≧0.33
µF;0805≧2.2µF;1206≧2.2µF;1210≧22µF
20% 0201≧0.1
µF;0402≧1µF
6.3V
15% ≦30%
0201≧0.1
µF;0402≧1µF;0603≧10µF;
0805≧4.7
µF;1206≧47µF;1210≧100µF
4V
20% ---
---
* I.R.:
≥10G or RxC≥500 -F whichever is smaller.
Class II (X7R)
Rated voltage
Insulation
Resistance
100V: All X7R;1210
≥3.3µF
1G
or
RxC≧10
-F
whichever is
smaller.
50V: 0402>0.01µF;0603
≥1µF;0805≥1µF;1206≥4.7µF;1210≥4.7µF
35V:0603
≥1µF;0805≥2.2µF;
1206
2.2
µF;1210≧10µF
25V:0201≧0.1uF; 0402
≥0.22µF; 0603≥2.2µF;0805≥2.2µF;
1206
≥10µF;1210≥10µF
16V: 0201≧0.1uF;0402
≥0.22µF;0603≥1µF;0805≥2.2µF;
1206
≥10µF;1210≥47µF
10V:0201
≥47nF;0402≥0.47µF;0603≥0.47µF;0805≥2.2µF;
1206
≥4.7µF;1210≥47µF
6.3V ; 4V


Similar Part No. - MT03BOR5K201CT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
Ultra Bright Blue 3mm LED
MT0303-UO MARKTECH-MT0303-UO Datasheet
375Kb / 2P
Ultra Bright Orange 3mm LED
MT0303-WH MARKTECH-MT0303-WH Datasheet
356Kb / 2P
Ultra Bright White 3mm LED
MT0318-WH MARKTECH-MT0318-WH Datasheet
416Kb / 2P
Ultra Bright White 5mm LED
MT0318-WH-A MARKTECH-MT0318-WH-A Datasheet
187Kb / 3P
Ultra Bright LEDs
More results

Similar Description - MT03BOR5K201CT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
Available in industry standard sizes of 10-64 positions
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
Wide Selection of Panel Seal Boots
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
the series is available in a wide frequency range
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com