Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT03B1R0A631CT Datasheet(PDF) 8 Page - WALSIN TECHNOLOGY CORPORATION

Part # MT03B1R0A631CT
Description  A wide selection of sizes is available
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MT03B1R0A631CT Datasheet(HTML) 8 Page - WALSIN TECHNOLOGY CORPORATION

Back Button MT03B1R0A631CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 11Page - WALSIN TECHNOLOGY CORPORATION MT03B1R0A631CT Datasheet HTML 12Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 8 of 27
ASC_ Automotive Cap_(MT)_022N_DS
Mar. 2019
X7R Dielectric
DIELECTRIC
X7R
SIZE
0201
0402
0603
RATED VOLTAGE
10
16
25
50
10
16
25
50
10
16
25
50
100
100pF (101)
L
L
L
L
N
N
N
N
S
S
S
S
S
120pF (121)
L
L
L
L
N
N
N
N
S
S
S
S
S
150pF (151)
L
L
L
L
N
N
N
N
S
S
S
S
S
180pF (181)
L
L
L
L
N
N
N
N
S
S
S
S
S
220pF (221)
L
L
L
L
N
N
N
N
S
S
S
S
S
270pF (271)
L
L
L
L
N
N
N
N
S
S
S
S
S
330pF (331)
L
L
L
L
N
N
N
N
S
S
S
S
S
390pF (391)
L
L
L
L
N
N
N
N
S
S
S
S
S
470pF (471)
L
L
L
L
N
N
N
N
S
S
S
S
S
560pF (561)
L
L
L
L
N
N
N
N
S
S
S
S
S
680pF (681)
L
L
L
L
N
N
N
N
S
S
S
S
S
820pF (821)
L
L
L
L
N
N
N
N
S
S
S
S
S
1,000pF (102)
L
L
L
L
N
N
N
N
S
S
S
S
S
1,200pF (122)
L
L
L
N
N
N
N
S
S
S
S
S
1,500pF (152)
L
L
L
N
N
N
N
S
S
S
S
S
1,800pF (182)
L
L
L
N
N
N
N
S
S
S
S
S
2,200pF (222)
L
L
L
N
N
N
N
S
S
S
S
S
2,700pF (272)
L
L
L
N
N
N
N
S
S
S
S
S
3,300pF (332)
L
L
L
N
N
N
N
S
S
S
S
S
3,900pF (392)
L
L
L
N
N
N
N
S
S
S
S
S
4,700pF (472)
L
L
L
N
N
N
N
S
S
S
S
S
5,600pF (562)
L
L
L
N
N
N
N
S
S
S
S
S
6,800pF (682)
L
N
N
N
N
S
S
S
S
S
8,200pF (822)
L
N
N
N
N
S
S
S
S
S
0.010
µF (103)
L
N
N
N
N
S
S
S
S
S
0.012
µF (123)
N
N
N
S
S
S
S
X
0.015
µF (153)
N
N
N
S
S
S
S
X
0.018
µF (183)
N
N
N
S
S
S
S
X
0.022
µF (223)
N
N
N
S
S
S
S
X
0.027
µF (273)
N
N
N
S
S
S
S
0.033
µF (333)
N
N
N
S
S
S
X
0.039
µF (393)
N
N
N
S
S
S
X
0.047
µF (473)
N
N
N
S
S
S
X
0.056
µF (563)
N
N
S
S
S
X
0.068
µF (683)
N
N
S
S
S
X
0.082
µF (823)
N
N
S
S
S
X
0.10
µF (104)
N
N
S
S
S
X
0.12
µF (124)
X
X
X
0.15
µF (154)
X
X
X
0.18
µF (184)
X
X
X
0.22
µF (224)
X
X
X
0.27
µF (274)
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.


Similar Part No. - MT03B1R0A631CT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
Ultra Bright Blue 3mm LED
MT0303-UO MARKTECH-MT0303-UO Datasheet
375Kb / 2P
Ultra Bright Orange 3mm LED
MT0303-WH MARKTECH-MT0303-WH Datasheet
356Kb / 2P
Ultra Bright White 3mm LED
MT0318-WH MARKTECH-MT0318-WH Datasheet
416Kb / 2P
Ultra Bright White 5mm LED
MT0318-WH-A MARKTECH-MT0318-WH-A Datasheet
187Kb / 3P
Ultra Bright LEDs
More results

Similar Description - MT03B1R0A631CT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
Available in industry standard sizes of 10-64 positions
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
Wide Selection of Panel Seal Boots
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
the series is available in a wide frequency range
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com