Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MT03BOR5A102CT Datasheet(PDF) 3 Page - WALSIN TECHNOLOGY CORPORATION

Part # MT03BOR5A102CT
Description  A wide selection of sizes is available
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

MT03BOR5A102CT Datasheet(HTML) 3 Page - WALSIN TECHNOLOGY CORPORATION

  MT03BOR5A102CT Datasheet HTML 1Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION MT03BOR5A102CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 3 of 27
ASC_ Automotive Cap_(MT)_022N_DS
Mar. 2019
5. EXTERNAL DIMENSIONS
6. GENERAL ELECTRICAL DATA
Dielectric
NP0
X7R
Size
0201, 0402, 0603, 0805, 1206, 1210
0402, 0603, 0805, 1206
Capacitance range*
0.1pF to 0.033uF
100pF to 2.2
µF
Capacitance tolerance**
Cap
≤5pF#1: A (±0.05pF ), B (±0.1pF), C (±0.25pF)
5pF<Cap<10pF:B (±0.1pF), C (±0.25pF), D (±0.5pF)
Cap
≥10pF: F (±1%), G (±2%), J (±5%)
J (±5%), K (±10%), M (±20%)
Rated voltage (WVDC)
10V, 16V, 25V, 50V, 100V, 200V, 250, 500, 630, 1000
Operating temperature
-55 to +125°C
Capacitance characteristic
±30ppm/°C
±15%
Termination
Ni/Sn (lead-free termination)
#1: NP0, 0.1pF product only provide B tolerance.
* Measured at the condition of 30~70% related humidity.
NP0: Apply 1.0±0.2Vrms, 1.0MHz±10% for Cap
≤1000pF and 1.0±0.2Vrms, 1.0kHz±10% for Cap>1000pF, 25°C at ambient temperature
Measured at 1.0±0.2Vrms, 1.0kHz±10% for C
≤10µF; 0.5±0.2Vrms, 120Hz±20% for C>10µF, 30~70% related humidity, 25°C ambient
temperature for X7R.
** Preconditioning for Class II MLCC: Perform a heat treatment at 150±10°C for 1 hour, then leave in a mbient condition for 24±2 hours
before measurement.
T
W
L
MB
MB
Fig. 1 The outline of MLCC
Size
Inch (mm)
L (mm)
W (mm)
T (mm)/Symbol
Remark
MB (mm)
0201 (0603)
0.60±0.03
0.30±0.03
0.30±0.03
L
#
0.15±0.05
0402 (1005)
1.00±0.05
0.50±0.05
0.50±0.05
N
#
0.25
+0.05/-0.10
0603 (1608)
1.60±0.10
0.80±0.10
0.80±0.07
S
0.40±0.15
1.60
+0.15/-0.10
0.80
+0.15/-0.10
0.80
+0.15/-0.10
X
0805 (2012)
2.00±0.15
1.25±0.10
0.60±0.10
A
0.50±0.20
0.80±0.10
B
1.25±0.10
D
#
2.00±0.20
1.25±0.20
1.25±0.20
I
#
1206 (3216)
3.20±0.15
1.60±0.15
0.80±0.10
B
0.60±0.20
0.95±0.10
C
1.25±0.10
D
#
3.20±0.20
1.15±0.15
J
#
1.60±0.20
1.60±0.20
G
#
3.20+0.3/-0.1
1.60+0.3/0.1
1.60+0.30/-0.10
P
#
1210 (3225)
3.20±0.30
2.50±0.20
0.95±0.10
C
#
0.75±0.25
1.25±0.10
D
#
3.20±0.40
2.50±0.30
1.60±0.20
G
#
2.00±0.20
K
#
2.50±0.30
M
#
# Reflow soldering only is recommended.


Similar Part No. - MT03BOR5A102CT

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT0303-BL MARKTECH-MT0303-BL Datasheet
372Kb / 2P
Ultra Bright Blue 3mm LED
MT0303-UO MARKTECH-MT0303-UO Datasheet
375Kb / 2P
Ultra Bright Orange 3mm LED
MT0303-WH MARKTECH-MT0303-WH Datasheet
356Kb / 2P
Ultra Bright White 3mm LED
MT0318-WH MARKTECH-MT0318-WH Datasheet
416Kb / 2P
Ultra Bright White 5mm LED
MT0318-WH-A MARKTECH-MT0318-WH-A Datasheet
187Kb / 3P
Ultra Bright LEDs
More results

Similar Description - MT03BOR5A102CT

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
008289010006113 AVX-008289010006113 Datasheet
54Kb / 2P
Available in industry standard sizes of 10-64 positions
logo
Pulse A Technitrol Comp...
P0354 PULSE-P0354 Datasheet
782Kb / 2P
Designed for DC/DC converters, Wide variety of inductor sizes and current ratings available
logo
Omron Electronics LLC
G3VM-VF OMRON-G3VM-VF Datasheet
3Mb / 86P
Wide Range of Contact Forms, Sizes and Package Types
logo
List of Unclassifed Man...
AT401 ETC2-AT401 Datasheet
84Kb / 1P
Wide Selection of Panel Seal Boots
logo
NIC-Components Corp.
NCD331K1KVY5F NIC-NCD331K1KVY5F Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
NCD332M1KVZ5UTRF NIC-NCD332M1KVZ5UTRF Datasheet
130Kb / 4P
WIDE SELECTION OF TEMPERATURE CHARACTERISTICS
logo
Murata Manufacturing Co...
CSTCC2M00G56A-R0 MURATA-CSTCC2M00G56A-R0 Datasheet
185Kb / 3P
the series is available in a wide frequency range
logo
TE Connectivity Ltd
KUP TEC-KUP Datasheet
1Mb / 5P
Wide selection of termination and mounting styles
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
0803452 PHOENIX-0803452 Datasheet
55Kb / 2P
A wide range of marker sizes and colors are available for custom designs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com