Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF512K32F-150H1M5A Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # WF512K32F-150H1M5A
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF512K32F-150H1M5A Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button WF512K32F-150H1M5A Datasheet HTML 7Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 8Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 9Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 10Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 11Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 12Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 13Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 14Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
PACKAGE 400: 66 PIN, PGA TYPE, CERAMIC HEX-IN-LINE PACKAGE, HIP (H1)
27.3 (1.075)
± 0.25 (0.010) SQ
PIN 1 IDENTIFIER
SQUARE PAD
ON BOTTOM
25.4 (1.0) TYP
15.24 (0.600) TYP
0.76 (0.030)
± 0.13 (0.005)
4.34 (0.171)
MAX
3.81 (0.150)
± 0.13 (0.005)
2.54 (0.100)
TYP
25.4 (1.0) TYP
1.42 (0.056)
± 0.13 (0.005)
1.27 (0.050) TYP DIA
0.46 (0.018)
± 0.05 (0.002) DIA
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
WF512K32-XXX5


Similar Part No. - WF512K32F-150H1M5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5 WEDC-WF512K32N-120G2LC5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5A WEDC-WF512K32N-120G2LC5A Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5 WEDC-WF512K32N-120G2LI5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5A WEDC-WF512K32N-120G2LI5A Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32F-150H1M5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
512Kx32 FLASH
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
2Mx16 Flash MODULE, SMD 5962-97610
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
512Kx32 SRAM MODULE, SMD 5962-94611
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
512KX32 SRAM / FLASH MODULE
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
512Kx32 Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com