Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WF512K32F-150H1M5A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WF512K32F-150H1M5A
Description  512Kx32 5V FLASH MODULE, SMD 5962-94612
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF512K32F-150H1M5A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WF512K32F-150H1M5A Datasheet HTML 1Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 2Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 3Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 4Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 5Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 6Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 7Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 8Page - List of Unclassifed Manufacturers WF512K32F-150H1M5A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
White Electronic Designs Corporation • Phoenix, AZ • (602) 437-1520
WF512K32-XXX5
PIN DESCRIPTION
FIG. 2 PIN CONFIGURATION FOR WF512K32F-XG4X5 (Low Capacitance)
AND WF512K32-XG4TX5
I/O0-31
Data Inputs/Outputs
A0-18
Address Inputs
WE
Write Enable
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
NC
Not Connected
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
512K x 8
8
I/O 0-7
CS 1
512K x 8
8
I/O 8-15
CS 2
512K x 8
8
I/O 16-23
CS 3
512K x 8
8
I/O 24-31
CS 4
A 0-18
OE
WE
BLOCK DIAGRAM
TOP VIEW
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
9 8 7 6 5 4 3 2 1 68 67 66 65 64 63 62 61
27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
GND
I/O8
I/O9
I/O10
I/O11
I/O12
I/O13
I/O14
I/O15
I/O16
I/O17
I/O18
I/O19
I/O20
I/O21
I/O22
I/O23
GND
I/O24
I/O25
I/O26
I/O27
I/O28
I/O29
I/O30
I/O31
FIG. 3
PIN CONFIGURATION FOR WF512K32-XG2UX5 AND WF512K32-XG1UX5
PIN DESCRIPTION
TOP VIEW
I/O0-31 Data Inputs/Outputs
A0-18
Address Inputs
WE1-4
Write Enables
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
512K x 8
8
I/O 0-7
CS 1
512K x 8
8
I/O 8-15
CS 2
512K x 8
8
I/O 16-23
CS 3
512K x 8
8
I/O 24-31
CS4
A 0-18
OE
WE
3
WE
2
WE
1
WE
4
BLOCK DIAGRAM


Similar Part No. - WF512K32F-150H1M5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5 WEDC-WF512K32N-120G2LC5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LC5A WEDC-WF512K32N-120G2LC5A Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5 WEDC-WF512K32N-120G2LI5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32N-120G2LI5A WEDC-WF512K32N-120G2LI5A Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K32F-150H1M5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WSF128K16 ETC-WSF128K16 Datasheet
541Kb / 15P
128K X 16 SRAM /FLASH MODULE SMD 5962-96900
logo
White Electronic Design...
EDI7F33512V WEDC-EDI7F33512V Datasheet
98Kb / 5P
512Kx32 FLASH
WF2M16-XXX5 WEDC-WF2M16-XXX5 Datasheet
275Kb / 12P
2Mx16 Flash MODULE, SMD 5962-97610
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
512Kx32 5V FLASH MODULE, SMD 5962-94612
WS512K32-XXX WEDC-WS512K32-XXX Datasheet
266Kb / 6P
512Kx32 SRAM MODULE, SMD 5962-94611
WSF128K16-XXX WEDC-WSF128K16-XXX Datasheet
620Kb / 16P
128Kx16 SRAM/FLASH MODULE, SMD 5962-96900
WSF512K16-XXX WEDC-WSF512K16-XXX Datasheet
577Kb / 15P
512KX16 SRAM/FLASH MODULE, SMD 5962-96901
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
512KX32 SRAM / FLASH MODULE
EDI7F33512C WEDC-EDI7F33512C Datasheet
558Kb / 4P
512Kx32 Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.CO.NZ
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com