Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H742AI Datasheet(PDF) 224 Page - STMicroelectronics

Part # STM32H742AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, up to 2MB Flash, up to 1MB RAM, 46 com. and analog interfaces
PDF  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H742AI Datasheet(HTML) 224 Page - STMicroelectronics

Back Button STM32H742AI Datasheet HTML 220Page - STMicroelectronics STM32H742AI Datasheet HTML 221Page - STMicroelectronics STM32H742AI Datasheet HTML 222Page - STMicroelectronics STM32H742AI Datasheet HTML 223Page - STMicroelectronics STM32H742AI Datasheet HTML 224Page - STMicroelectronics STM32H742AI Datasheet HTML 225Page - STMicroelectronics STM32H742AI Datasheet HTML 226Page - STMicroelectronics STM32H742AI Datasheet HTML 227Page - STMicroelectronics STM32H742AI Datasheet HTML 228Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 357 page
background image
Electrical characteristics (rev V)
STM32H742xI/G STM32H743xI/G
224/357
DS12110 Rev 7
Table 134. Typical and maximum current consumption in Sleep mode, LDO regulator
Symbol
Parameter
Conditions
fHCLK
(MHz)
Typ
Max(1)
Unit
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD (Sleep)
Supply
current in
Sleep mode
All
peripherals
disabled
VOS0
480
50.7
96.3
253.4
366.1
-
mA
400
43.4
87.8
245.5
357.9
-
VOS1
400
35.3
66.5
181.3
265.8
379.6
300
27.9
-
-
-
-
VOS2
300
24.6
47.3
139.1
207.3
300.4
200
18.8
-
-
-
-
VOS3
200
16.5
33.6
106.4
160.9
236.1
All
peripherals
enabled
VOS0
480
136.0
194.7
348.5
464.4
-
400
115.0
169.0
325.9
441.7
-
VOS1
400
97.7
138.2
251.3
338.4
456.4
300
74.9
-
-
-
-
VOS2
300
67.3
95.8
187.6
257.9
354.1
200
52.8
-
-
-
-
VOS3
200
47.1
69.3
141.4
197.7
275.1
1. Guaranteed by characterization results, unless otherwise specified.
Table 135. Typical and maximum current consumption in Standby
Symbol
Parameter
Conditions
Typ
Max(1)
Unit
1.62 V 2.4 V
3 V
3.3 V
3 V
Backup
SRAM
RTC
and
LSE
Tj=25
°C
Tj=85
°C
Tj=105
°C
Tj=125
°C
IDD
(Standby)
Supply
current in
Standby
mode
OFF
OFF
1,92
1,95
2,06
2,16
4
18
40
90
µA
ON
OFF
3,33
3,44
3,6
3,79
8.2
47
83
141
OFF
ON
2,43
2,57
2,77
2,95
-
-
-
-
ON
ON
3,82
4,05
4,31
4,55
-
-
-
-
1. Guaranteed by characterization results, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com