| Electronic Components Datasheet Search |
|
ST92195C Datasheet(PDF) 188 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST92195C Datasheet(HTML) 188 Page - STMicroelectronics |
|
188 / 249 page ![]() 188/249 ST92195C/D - TWO-CHANNEL I2C BUS INTERFACE (I2C) I2C BUS INTERFACE (Cont’d) Master Receiver Following the address transmission and acknowl- edgment, the master receives bytes from the SDA line into the I2CDR register via the internal shift register. After each byte the interface generates in sequence: – Acknowledge pulse according to the SEND_ACK bit value, – An interrupt is generated and the INT bit of the I2CSTR2 register is set. Then read the I2CDR register to store the trans- mitted data. Note: In order to generate the non-acknowledge pulse after the last received data byte, the SEND_ACK bit must be set just before reading the second last data byte. Master Transmitter Following the address transmission and acknowl- edgment, the master sends bytes from the I2CDR register to the SDA line via the internal shift regis- ter. When the acknowledge bit is received, the inter- face generates an interrupt and sets the INT bit of the I2CSTR2 register. The user can check the ACK_BIT bit of the I2CSTR1 register in order to handle the transac- tion properly. Closing a master communication The master interface will generate a stop condition on the bus when the user sets the STOP bit of the I2CSTR1 register. 7.10.4 Interrupt Handling To acknowledge interrupts generated by the I2C interface, software must write any value in the I2CDR register before leaving the I2C interrupt subroutine. This is necessary in all modes includ- ing slave or master receiver mode. 7.10.5 Error Cases Each time an error occurs, an interrupt is generat- ed. Then by checking the following bits, the user can identify the problem: – If the ERROR bit in the I2CSTR1 register is set, an illegal start or stop condition has been detect- ed. If the AFEN bit in the I2CCTR register is set, the UNPROC, UNEXP, and MISP bits of the I2CSTR2 register indicate what kind of illegal condition has been detected. – If the ARB_LOST bit, in the I2CSTR1 register is set, an arbitration lost occurred on the bus. Note: the ERROR bit has higher priority than the ARB_LOST bit, so if ERROR is set, ARB_LOST has to be ignored. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |