Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 104 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 104 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 100Page - STMicroelectronics ST92195C3 Datasheet HTML 101Page - STMicroelectronics ST92195C3 Datasheet HTML 102Page - STMicroelectronics ST92195C3 Datasheet HTML 103Page - STMicroelectronics ST92195C3 Datasheet HTML 104Page - STMicroelectronics ST92195C3 Datasheet HTML 105Page - STMicroelectronics ST92195C3 Datasheet HTML 106Page - STMicroelectronics ST92195C3 Datasheet HTML 107Page - STMicroelectronics ST92195C3 Datasheet HTML 108Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 249 page
background image
104/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
Figure 57. Example of a Row in Serial Mode
Table 20. Serial Attribute Codes
Notes:
(1) Presumed at the start of each display row or can be defined in global register
(2) Action “set at” (on current character) others are “set after” (on next character)
(3) ALWAYS active (even in Full Page Serial Mode, i.e. for Text Level 1)
(4) Toggles action if the Fringe Enable is set (bit 5 in register DCM0R R250 (FAh) Page 32. Selects a second G0 if the
Switch Enable bit is set (bit 5 in register NCSR R245 (F5h) Page 32)
Default foreground
Default background
Length of row = 40 Characters
global
A R D O Z
Z
A
A
A
A A
Propagation
Display
A R D O Z
Z
Sc
A
A
A
A A
Bb
Sty
Fh
Foreground color attribute
Characters
Black background attribute
Steady attribute
Flashing attribute
Memory location
FLASHING
can be half intensity
VR02115A
b[7:3]
00000
00001
00010
00011
b[2:0]
Foreground Color
(Alpha Chars)
Foreground Color
(Mosaic Chars)
000
Black
Flash
Black (3)
Conceal (2)
001
Red
Steady (1, 2)
Red
Contiguous Mosaic (1, 2)
010
Green
Box OFF (1)
Green
Separated Mosaic (2)
011
Yellow
Box ON
Yellow
Fringe or 2nd G0 font (3, 4)
100
Blue
Normal Height (1,2)
Blue
Black Background (1, 2)
101
Magenta
Double Height
Magenta
New Background (2)
110
Cyan
Cyan
Hold Mosaic (2)
111
White (1)
White
Release Mosaic (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com