Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 129 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 125Page - STMicroelectronics ST92195C3 Datasheet HTML 126Page - STMicroelectronics ST92195C3 Datasheet HTML 127Page - STMicroelectronics ST92195C3 Datasheet HTML 128Page - STMicroelectronics ST92195C3 Datasheet HTML 129Page - STMicroelectronics ST92195C3 Datasheet HTML 130Page - STMicroelectronics ST92195C3 Datasheet HTML 131Page - STMicroelectronics ST92195C3 Datasheet HTML 132Page - STMicroelectronics ST92195C3 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 249 page
background image
129/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
CURSOR HORIZONTAL POSITION REGISTER
(CHPOSR)
R246 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bit 7 = Reserved.
Bits 6:0 = CHP[6:0]:
Cursor Horizontal Position.
The cursor is positioned by character.
CHP= 0 points to the first character
CHP= 39d points to the end of the row (single
page display)
CHP= 79d points to the last character in the row
(double page display)
CURSOR
VERTICAL
POSITION
REGISTER
(CVPOSR)
R247 - Read/Write
Register Page: 32
Reset Value: 0000 0000 (00h)
Bit 7 = FON:
"Flash On" flag bit.
The FON bit remains at "0" during 32 consecutive
TV fields followed by a "1" state during the 16 next
TV fields. This flag provides a 1Hz time reference
for an easy software control of all flashing effects
(assuming a 50 Hz TV signal, the FON total period
will be 0.96 seconds).
This bit is READ ONLY. Trying to write any value
will have no effect.
Bits 6:5 = CM[1:0]:
Cursor Mode control bits.
Bits 4:0 = CVP[4:0]:
Cursor Vertical Position.
The cursor is positioned by row. The cursor is al-
ways single size.
CVP= 0 locates the cursor on the Header row
CVP= 25d locates the cursor on the last Status
row.
70
0
CHP6
CHP5
CHP4
CHP3
CHP2
CHP1
CHP0
70
FON
CM1
CM0
CVP4
CVP3
CVP2
CVP1
CVP0
CM1 CM0
Cursor Mode
0
0
Cursor Disable
01
Static Cursor (inverted foreground & invert-
ed background colours)
10
Flash Cursor (flash from current to inverted
colours & vice versa)
11
Cursor done with Underline (use of current
foreground color)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com