Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 172 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 172 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 168Page - STMicroelectronics ST92195C3 Datasheet HTML 169Page - STMicroelectronics ST92195C3 Datasheet HTML 170Page - STMicroelectronics ST92195C3 Datasheet HTML 171Page - STMicroelectronics ST92195C3 Datasheet HTML 172Page - STMicroelectronics ST92195C3 Datasheet HTML 173Page - STMicroelectronics ST92195C3 Datasheet HTML 174Page - STMicroelectronics ST92195C3 Datasheet HTML 175Page - STMicroelectronics ST92195C3 Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 249 page
background image
172/249
ST92195C/D - VPS & WSS SLICER
VPS & WSS SLICER (Cont’d)
VPS/WSS CONTROL REGISTER (VPSWSSCR)
R249 - Read/Write
Register Page: 6
Reset value: 0000 0000 (00h)
Bit 7 = ENCELL:
VPS/WSS enable.
0 : WSS/VPS disabled (reset condition)
1 : WSS/VPS enabled
Bit 6 = VCRWIN: When this bit is set, the line se-
lect window for VPS becomes three lines wide (15-
17) while the line select for WSS becomes four
lines wide (21-24). The four lines are required due
to the uncertainty of the line number from a VCR
source and the repeated WSS signal found on
both lines 22 and 23.
When the bit is reset, VPS is active only on line 16
and WSS is active only on line 23.
Bit 5 = BIASWIN:
Bias Window is a control bit
used to keep the WSS and VPS bias window open
during the entire line. When set, the window is ac-
tive during the run-in and the data periods. This
feature may be used during poor signals or as a
backup due to leakage and noise problems on the
IC.
When reset, the window is defin
ed only for the run-in clock.
Bit 4 = VW_EN:
Clock Generating Unit Enable Bit
0: No clock is provided to the VPS/WSS slicer unit.
1: The VPS/WSS clock is provided by the Digital
Clock Generating Unit based on the 48.56 MHz
issued by the TXT frequency multiplier.
Note: This bit is valid only when the SLIEN bit of
the SLCCR register is set (refer to the Timing and
Clock Controller Chapter), i.e. when the PLL is en-
abled.
Bit 3 = WINDLY:
Window Delay Bit
This bit is common to VPS and WSS. Due to the
large range of signals in VPS mode (data start be-
tween 11ms and 14ms) the window which allows
to adjust the slicing level during the run-in clock
cannot be the same for early and late signals. This
bit has to be controlled to get a proper bias window
in VPS.
0: Run-in bias window defined for standard & too
late data (VPS data start between 12.35ms and
14ms).
1: Run-in bias window defined for too early data
(VPS data start between 11ms and 12.65ms)
Note: This bit has no influence on WSS bias win-
dow.
Bit 2:0 Reserved bits.
DUPLICATE WSS STATUS AND DATA REGIS-
TER (WSSDS3R)
R250 - Read Only/Reset by writing
Register Page: 6
Reset value: 0000 0000 (00h)
Bit 7 = Reserved.
Bit 6 = NWDATWS2:
New data in all three data
registers. Data will be written into this register with
or without bi-phase errors. The error bit for each
byte of data should be checked to validate any da-
ta. Reset by writing any value to this register or by
the leading edge of WSS Window, that initiates a
new acquisition.
Bit 5 = VFRMWSS2: Valid Framing code for WSS.
This bit is set when the framing code is error free.
Reset by the end of WSS window.
Bit 4 = GP1ERF2: This bit is set when any of the
Group 1 bits (WSS3-0) are received with a bi-
phase error.
Bit 3:0 = WSS2[3:0]: WSS Aspect Ratio Bits
70
EN-
CELL
VCRW
IN
BIAS-
WIN
VW_
EN
WIND-
LY
00
0
70
x
NWDAT
WS2
VFRMW
SS2
GP1ERF2- WSS2(3) WSS2(2) WSS2(1) WSS2(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com