Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST92195C3 Datasheet(PDF) 192 Page - STMicroelectronics

Part # ST92195C3
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195C3 Datasheet(HTML) 192 Page - STMicroelectronics

Back Button ST92195C3 Datasheet HTML 188Page - STMicroelectronics ST92195C3 Datasheet HTML 189Page - STMicroelectronics ST92195C3 Datasheet HTML 190Page - STMicroelectronics ST92195C3 Datasheet HTML 191Page - STMicroelectronics ST92195C3 Datasheet HTML 192Page - STMicroelectronics ST92195C3 Datasheet HTML 193Page - STMicroelectronics ST92195C3 Datasheet HTML 194Page - STMicroelectronics ST92195C3 Datasheet HTML 195Page - STMicroelectronics ST92195C3 Datasheet HTML 196Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 192 / 249 page
background image
192/249
ST92195C/D - TWO-CHANNEL I2C BUS INTERFACE (I2C)
I2C BUS INTERFACE (Cont’d)
DATA REGISTER (I2CDR)
R243 - Read/Write
Register Page: 44
Reset Value: 0000 0000(00h)
Bit 7:0 = SR[8:1]
address or data byte
These bits contains the address or data byte load-
ed by software for sending on the I2C bus, and
also the address or data byte received on the bus
to be read by software.
When read, this register reflects the last byte
which has been transferred on the bus. Reading
this register is equivalent to reading the shift regis-
ter of the interface.
When written, the contents of this register will be
transferred into the shift register of the interface.
STATUS REGISTER 2 (I2CSTR2)
R244 - Read/Write (Bit 7:6),Read Only (Bit 5:0)
Register Page: 44
Reset Value: 0000 0000(00h)
Bit 7 = ISCEN
Interrupt on Stop Condition Enable
bit
This bit determines if an interrupt is generated as
soon as a stop condition has been detected on the
bus.
0: No interrupt generated on a bus stop condition
1: An interrupt is generated on a bus stop condi-
tion.
Note: When the interface is involved in a transac-
tion, checking the ERROR status flag related to
the error detection allows to determine if the trans-
action has been successfully completed. This in-
terrupt can be useful for an interface waiting for a
“bus free” condition in order to become a master
as soon as possible. Checking the ACTIVE bit (in
the I2CSTR1 register) allows to correctly identify
an interrupt generated by a stop condition.
Bit 6 = SFEN
Spike Filter Enable bit
This bit enables or disables the spike filters on the
SDAx and SCLx inputs (x is 1 to 2).
0: spike filters disabled
1: spike filters enabled
Note: The length of a pulse identified as a spike
depends on the CPUCLK frequency used (CPU-
CLK frequencies from 10 to 20 Mhz allow to filter
pulses smaller than 100 to 40 ns).
Bit 5 = SCLIN
SCL Input status bit
This read-only bit describes the current logic state
on the SCL bus.
It can be used to sample the signal on a newly se-
lected SCL bus for a quick determination concern-
ing the bus use and the bus clock frequency.
Bit 4 = SDAIN
SDA Input status bit
This read-only bit describes the current logic state
on the SDA bus.
It can be used to sample the signal on a newly se-
lected SDA bus for a quick determination of the
state of this bus, prior starting a transaction.
Bit 3 = INT
Interrupt status bit
This (read-only) bit indicates if an event has oc-
curred.
0: No interrupt requested or an interrupt resulting
from a stop condition occurred.
1: The interface enters an interrupt state resulting
from any error (bus error or arbitration loss) or
any byte transfer completed.
Bit 2 = UNPROC
Unprocessed flag bit
This bit is useful in a multimaster mode system, to
solve conflicts between a “Repeated Start” or a
“Stop” condition and any bit of an address or data
byte from other concurrent masters.
0: No error occurred.
1: A master interface tried to generate a “Repeat-
ed Start” or a “Stop” condition, which never oc-
curred.
Note: If this bit is set, it will automatically activate
the ERROR bit.
Note: This bit is only valid when the Advanced
Features Enable bit AFEN is set in the I2CCTR
register.
70
SR8
SR7
SR6
SR5
SR4
SR3
SR2
SR1
70
ISCEN SFEN SCLIN SDAIN
INT UNPROC UNEXP MISP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com