| Electronic Components Datasheet Search |
|
XAM6528ACDXEAF Datasheet(PDF) 192 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
XAM6528ACDXEAF Datasheet(HTML) 192 Page - Texas Instruments |
|
192 / 277 page ![]() GPMC_FCLK GPMC_CSn[x] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_WEn DATA GNF0 GNF1 GNF4 GNF9 GNF3 GNF6 GPMC_AD[15:0] GPMC_15 GPMC_CSn[x] GPMC_BE0n_CLE GPMC_ADVn_ALE GPMC_OEn_REn GPMC_FCLK GPMC_WAIT[x] GNF10 GNF14 GNF15 GNF12 GNF13 DATA GPMC_AD[15:0] GPMC_14 192 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08I – NOVEMBER 2017 – REVISED DECEMBER 2019 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Specifications Copyright © 2017–2019, Texas Instruments Incorporated (1) GNF12 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after GNF12 functional clock cycles, input data will be internally sampled by active functional clock edge. GNF12 value must be stored inside AccessTime register bits field. (2) GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. (3) In GPMC_CSn[x], x is equal to 0, 1, 2 or 3. In GPMC_WAIT[x], x is equal to 0 or 1. Figure 5-57. GPMC and NAND Flash—Data Read Cycle (1) In GPMC_CSn[x], x is equal to 0, 1, 2 or 3. Figure 5-58. GPMC and NAND Flash—Data Write Cycle For more information, see section General-Purpose Memory Controller (GPMC) in the device TRM. 5.9.5.11 HyperBus For more details about features and additional description information on the device Hyperbus, see the corresponding sections within Section 4.3, Signal Descriptions and Section 6, Detailed Description. Table 5-58, Table 5-59, and Table 5-60 assume testing over the recommended operating conditions and electrical characteristic conditions (see Figure 5-59, Figure 5-60, and Figure 5-61). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |