Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7440 Datasheet(PDF) 184 Page - Microsemi Corporation

Part # VSC7440
Description  L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
PDF  444 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7440 Datasheet(HTML) 184 Page - Microsemi Corporation

Back Button VSC7440 Datasheet HTML 180Page - Microsemi Corporation VSC7440 Datasheet HTML 181Page - Microsemi Corporation VSC7440 Datasheet HTML 182Page - Microsemi Corporation VSC7440 Datasheet HTML 183Page - Microsemi Corporation VSC7440 Datasheet HTML 184Page - Microsemi Corporation VSC7440 Datasheet HTML 185Page - Microsemi Corporation VSC7440 Datasheet HTML 186Page - Microsemi Corporation VSC7440 Datasheet HTML 187Page - Microsemi Corporation VSC7440 Datasheet HTML 188Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 444 page
background image
Functional Descriptions
VMDS-10492 VSC7440 Datasheet Revision 4.2
167
If the frame is discarded by the first VCAP IS2 lookup, it is selectable whether to count the frame in the
ingress router leg statistics (ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_IGR_RLEG_STAT_MODE).
The frame is never counted by the egress router leg statistics.
If the frame is discarded by the second VCAP IS2 lookup, it is selectable whether to count the frame in
the egress router leg statistics
(ANA_ACL::VCAP_S2_MISC_CTRL.ACL_RT_EGR_RLEG_STAT_MODE). The frame is always
counted by the ingress router leg statistics.
3.21.2
Analyzer Access Control List Frame Rewriting
The ANA_ACL block supports various frame rewrite functions used in routing and PTP.
When rewriting in the ANA_ACL block, ingress mirroring with an exact mirror copy of the incoming frame
is no longer possible, because any rewrites are also reflected in the mirror copy.
3.21.2.1 Address Swapping and Rewriting
VCAP IS2 actions can trigger frame rewrites in the ANA_ACL block with focus on MAC addresses, IP
addresses, TCP/UDP ports as well as IPv4 TTL and IPv6 hop limit.
The following table lists the registers associated with address swapping and rewriting capabilities in
ANA_ACL.
VCAP IS2 action ACL_RT_MODE can enable the following rewrite modes:
•
Replace DMAC. The frame’s DMAC is replaced with the MAC address specified in VCAP IS2 action
ACL_MAC. It is selectable to only replace part of the DMAC (for instance the OUI only). This is
enabled with VCAP IS2 action REW_CMD[9], and the number of bits to replace is set in
ANA_ACL::SWAP_IP_CTRL.DMAC_REPL_OFFSET_VAL.
•
Replace SMAC. The frame’s SMAC is replaced with the MAC address specificed in VCAP IS2
action ACL_MAC.
•
Swap MAC addresses and replace SMAC if MC. The frame’s MAC addresses are swapped. If the
new SMAC is a multicast MAC, it is replaced with the MAC address specificed in VCAP IS2 action
ACL_MAC.
•
Swap MAC addresses if UC else replace SMAC if MC. The frame’s MAC addresses are swapped
if the frame’s DMAC is unicast. Otherwise, the frame’s SMAC is replaced with the MAC address
specificed in VCAP IS2 action ACL_MAC.
•
Swap MAC and IP addresses and replace SIP and SMAC if MC. The frame’s MAC addresses are
swapped and the frame’s IP addresses are swapped. If the new SMAC is a multicast MAC, it is
replaced with the MAC address specificed in VCAP IS2 action ACL_MAC. If the new SIP is a
multicast, it is replaced with an IP address from the IP address table ANA_ACL::SWAP_SIP.
•
Swap MAC and IP addresses if UC else replace SIP and SMAC if MC. The frame’s MAC
addresses are swapped if the frame’s DMAC is unicast. Otherwise, the frame’s SMAC is replaced
with the MAC address specificed in VCAP IS2 action ACL_MAC. The frame’s IP addresses are
swapped if the frame’s DIP is unicast. Otherwise, the frame’s SIP is replaced with an IP address
from the IP address table ANA_ACL::SWAP_SIP.
•
Swap IP addresses and replace SIP if MC. The frame’s IP addresses are swapped. If the new SIP
is a multicast, it is replaced with an IP address from the IP address table ANA_ACL::SWAP_SIP.
•
Replace SMAC, swap IP addresses, and replace SIP if MC. The frame’s SMAC is replaced with
the MAC address specificed in VCAP IS2 action ACL_MAC. The frame’s IP addresses are swapped.
Table 105 •
ANA_ACL Address Swapping and Rewriting Registers
Register
Description
Replication
ANA_ACL::SWAP_SIP
IP table with 32 IPv4 addresses or 8 IPv6 addresses. Provides new
source IP address when swapping IP addresses in frame with
multicast destination IP address.
32
ANA_ACL::SWAP_IP_CTRL Controls IPv4 TTL and IPv6 hop limit values. Controls number of bits
to replace in DMAC.
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com