Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VSC7511 Datasheet(PDF) 130 Page - Microsemi Corporation

Part # VSC7511
Description  4-Port Layer-2 Gigabit Ethernet Switch
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC7511 Datasheet(HTML) 130 Page - Microsemi Corporation

Back Button VSC7511 Datasheet HTML 126Page - Microsemi Corporation VSC7511 Datasheet HTML 127Page - Microsemi Corporation VSC7511 Datasheet HTML 128Page - Microsemi Corporation VSC7511 Datasheet HTML 129Page - Microsemi Corporation VSC7511 Datasheet HTML 130Page - Microsemi Corporation VSC7511 Datasheet HTML 131Page - Microsemi Corporation VSC7511 Datasheet HTML 132Page - Microsemi Corporation VSC7511 Datasheet HTML 133Page - Microsemi Corporation VSC7511 Datasheet HTML 134Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 324 page
background image
Functional Descriptions
VMDS-10488 VSC7511 Datasheet Revision 4.2
115
Three different type of learn frames are identified:
•
Normal learn frames. Frames for which an entry for the (SMAC, VID) is not found in the MAC table
or the (SMAC, VID) entry in the MAC table is unlocked and has a DEST_IDX different from LPORT.
In addition, the learn limit for the LPORT must not be exceeded (ENTRYLIM).
•
Learn frames exceeding the learn limit. Same condition as for normal learn frames except that the
learn limit for the LPORT is exceeded (ENTRYLIM)
•
Learn frames triggering a port move of a locked MAC table entry. Frames for which the (SMAC,
VID) entry in the MAC table is locked and has a DEST_IDX different from LPORT.
For all learn frames, the following must apply before learning related processing is applied.
•
Learning is enabled by PORT_CFG.LEARN_ENA.
•
The LRN_DIS flag from previous processing steps must be cleared, which implies the following:
Learning is not disabled due to VLAN ingress filtering
Learning is not disabled due to VCAP IS2 action
Learning is enabled for the VLAN (VLAN_LEARN_DISABLED is cleared in the VLAN table)
In addition, learning must not be disabled due to the ingress policer having policed the frame. For more
information, see Policers, page 118.
If learning is enabled, learn frames are processed according to the setting of the following configuration
parameters.
3.9.3.5.1
Normal Learn Frames
•
Automatic learning. If PORT_CFG.LEARNAUTO is set for PPORT, the (SMAC, VID) entry is
automatically added to the MAC table in the domain being searched.
•
Drop learn frames. If PORT_CFG.LEARNDROP is set for PPORT, DEST is cleared for learn frames.
Therefore, learn frames are not forwarded on any ports. This is used for secure learning, where the
CPU must verify a station before forwarding is allowed.
•
Copy learn frames to the CPU. If PORT_CFG.LEARNCPU is set for PPORT, the CPU port is added
to DEST for learn frames and CPUQ_CFG.CPUQ_LRN is set in CPUQ. This is used for CPU based
learning.
3.9.3.5.2
Learn Frames Exceeding the Learn Limit
•
Drop learn frames. If PORT_CFG.LIMIT_DROP is set for PPORT, DEST is cleared for learn frames.
As a result, learn frames are not forwarded on any ports.
•
Copy learn frames to the CPU – If PORT_CFG.LIMIT_CPU is set for PPORT, the CPU port is added
to DEST and CPUQ_CFG.CPUQ_LRN is set in CPUQ for learn frames.
3.9.3.5.3
Learn Frames Triggering a Port Move of a Locked MAC Table Entry
•
Drop learn frames. If PORT_CFG.LOCKED_PORTMOVE_DROP is set for PPORT, DEST is cleared
for learn frames. Therefore, learn frames are not forwarded on any ports.
PORT_CFG.LEARNDROP
If set for PPORT, the CPU drops or forwards learn
frames.
Per port
PORT_CFG.LIMIT_CPU
If set for PPORT, learn frames for which PPORT
exceeds the port’s limit are copied to the CPU.
Per port
PORT_CFG.LIMIT_DROP
If set for PPORT, learn frames for which PPORT
exceeds the port’s limit are discarded.
Per port
PORT_CFG.LOCKED_PORTMOVE_CPU
If set for PPORT, frames triggering a port move of
a locked entry are copied to the CPU.
Per port
PORT_CFG.LOCKED_PORTMOVE_DROP If set for PPORT, frames triggering a port move of
a locked entry are discarded.
Per port
AGENCTRL.IGNORE_SMAC_FLAGS
Controls the use of the MAC table flags from
(SMAC, VID) entry.
None
Table 89 •
SMAC Learning Registers (continued)
Register
Description
Replication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com