Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913E/ML301 Datasheet(PDF) 108 Page - Microchip Technology

Part # PIC16F913E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913E/ML301 Datasheet(HTML) 108 Page - Microchip Technology

Back Button PIC16F913E/ML301 Datasheet HTML 104Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 105Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 106Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 107Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 108Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 109Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 110Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 111Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 112Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 106
Preliminary
© 2005 Microchip Technology Inc.
9.1
LCD Clock Source Selection
The LCD driver module has 3 possible clock sources:
•FOSC/8192
•T1OSC/32
• LFINTOSC/32
The first clock source is the system clock divided by
8192 (FOSC/8192). This divider ratio is chosen to
provide about 1 kHz output when the system clock is
8 MHz. The divider is not programmable. Instead, the
LCD prescaler bits, LCDPS<3:0>, are used to set the
LCD frame clock rate.
The second clock source is the T1OSC/32. This also
gives about 1 kHz when a 32.768 kHz crystal is used
with the Timer1 oscillator. To use the Timer1 oscillator
as a clock source, the T1OSCEN (T1CON<3>) bit
should be set.
The third clock source is the 31 kHz LFINTOSC/32,
which provides approximately 1 kHz output.
The second and third clock sources may be used to
continue running the LCD while the processor is in
Sleep.
Using the bits, CS<1:0> (LCDCON<3:2>), any of these
clock sources can be selected.
9.1.1
LCD PRESCALER
A 16-bit counter is available as a prescaler for the LCD
clock. The prescaler is not directly readable or writable;
its value is set by the LP<3:0> bits (LCDPS<3:0>), which
determine the prescaler assignment and prescale ratio.
The prescale values from 1:1 through 1:16.
9.2
LCD Bias Types
The LCD driver module can be configured into three
bias types:
• Static Bias (2 voltage levels: VSS and VDD)
• 1/2 Bias (3 voltage levels: VSS, 1/2 VDD and VDD)
• 1/3 Bias (4 voltage levels: VSS, 1/3 VDD, 2/3 VDD
and VDD)
This module uses an external resistor ladder to
generate the LCD bias voltages.
The external resistor ladder should be connected to the
Bias 1 pin, Bias 2 pin, Bias 3 pin and VSS. The Bias 3
pin should also be connected to VDD.
Figure 9-2 shows the proper way to connect the
resistor ladder to the Bias pins.
FIGURE 9-2:
LCD BIAS RESISTOR LADDER CONNECTION DIAGRAM
Note:
VLCD pins used to supply LCD bias
voltage are enabled on power-up (POR)
and must be disabled by the user by
clearing LCDCON<4>, the VLCDEN bit,
(see Register 9-1).
VLCD 3
VLCD 2
VLCD 1
VLCD 0(1)
To
LCD
Driver
Connections for External R-ladder
10 k
Ω*
10 k
Ω*
10 k
Ω*
LCD Bias 2
LCD Bias 1
LCD Bias 3
*
These values are provided for design guidance only and should be optimized for the application by the
designer.
Note 1:
Internal connection.
VSS
Static
Bias
1/2 Bias
1/3 Bias
VLCD 0VSS
VSS
VSS
VLCD 1
—1/2 VDD
1/3 VDD
VLCD 2
—1/2 VDD
2/3 VDD
VLCD 3VDD
VDD
VDD
10 k
Ω*10 kΩ*
VSS
VDD*
VDD*
VDD*
Static Bias
1/2 Bias
1/3 Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com