Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F913E/ML301 Datasheet(PDF) 124 Page - Microchip Technology

Part # PIC16F913E/ML301
Description  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt Technology
PDF  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F913E/ML301 Datasheet(HTML) 124 Page - Microchip Technology

Back Button PIC16F913E/ML301 Datasheet HTML 120Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 121Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 122Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 123Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 124Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 125Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 126Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 127Page - Microchip Technology PIC16F913E/ML301 Datasheet HTML 128Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 272 page
background image
PIC16F917/916/914/913
DS41250E-page 122
Preliminary
© 2005 Microchip Technology Inc.
9.9
Operation During Sleep
The LCD module can operate during Sleep. The selec-
tion is controlled by bit SLPEN (LCDCON<6>). Setting
the SLPEN bit allows the LCD module to go to Sleep.
Clearing the SLPEN bit allows the module to continue
to operate during Sleep.
If a SLEEP instruction is executed and SLPEN = 1, the
LCD module will cease all functions and go into a very
low-current Consumption mode. The module will stop
operation immediately and drive the minimum LCD
voltage
on
both
segment
and
common
lines.
Figure 9-17 shows this operation.
To ensure that no DC component is introduced on the
panel, the SLEEP instruction should be executed imme-
diately after a LCD frame boundary. The LCD interrupt
can be used to determine the frame boundary. See
Section 9.8 “LCD Interrupts” for the formulas to
calculate the delay.
If a SLEEP instruction is executed and SLPEN = 0, the
module will continue to display the current contents of
the LCDDATA registers. To allow the module to
continue operation while in Sleep, the clock source
must be either the LFINTOSC or T1OSC external
oscillator. While in Sleep, the LCD data cannot be
changed. The LCD module current consumption will
not decrease in this mode; however, the overall
consumption of the device will be lower due to shut
down of the core and other peripheral functions.
Table 9-4 shows the status of the LCD module during
a Sleep while using each of the three available clock
sources:
TABLE 9-4:
LCD MODULE STATUS
DURING SLEEP
Clock Source
SLPEN
Operation
During Sleep?
T1OSC
0
Yes
1
No
LFINTOSC
0
Yes
1
No
FOSC/4
0
No
1
No
Note:
The
LFINTOSC
or
external
T1OSC
oscillator must be used to operate the LCD
module during Sleep.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com