| Electronic Components Datasheet Search |
|
PIC16F913E/ML301 Datasheet(PDF) 138 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F913E/ML301 Datasheet(HTML) 138 Page - Microchip Technology |
|
138 / 272 page ![]() PIC16F917/916/914/913 DS41250E-page 136 Preliminary © 2005 Microchip Technology Inc. 11.2.3 SETTING UP 9-BIT MODE WITH ADDRESS DETECT When setting up an Asynchronous Reception with address detect enabled: • Initialize the SPBRG register for the appropriate baud rate. If a high-speed baud rate is desired, set bit BRGH. • Enable the asynchronous serial port by clearing bit SYNC and setting bit SPEN. • If interrupts are desired, then set enable bit RCIE. • Set bit RX9 to enable 9-bit reception. • Set ADDEN to enable address detect. • Enable the reception by setting enable bit CREN. • Flag bit RCIF will be set when reception is complete, and an interrupt will be generated if enable bit RCIE was set. • Read the RCSTA register to get the ninth bit and determine if any error occurred during reception. • Read the 8-bit received data by reading the RCREG register to determine if the device is being addressed. • If any error occurred, clear the error by clearing enable bit CREN. • If the device has been addressed, clear the ADDEN bit to allow data bytes and address bytes to be read into the receive buffer and interrupt the CPU. FIGURE 11-6: USART RECEIVE BLOCK DIAGRAM x64 Baud Rate CLK SPBRG Baud Rate Generator RC7/RX/DT Pin Buffer and Control SPEN Data Recovery CREN OERR FERR RSR Register MSb LSb RX9D RCREG Register FIFO Interrupt RCIF RCIE Data Bus 8 ÷ 64 ÷ 16 or Stop Start (8) 7 10 RX9 • • • RX9 ADDEN RX9 ADDEN RSR<8> Enable Load of Receive Buffer 8 8 FOSC SDI/SDA/SEG8 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |