Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F723VCT6TR Datasheet(PDF) 103 Page - STMicroelectronics

Part # STM32F723VCT6TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F723VCT6TR Datasheet(HTML) 103 Page - STMicroelectronics

Back Button STM32F723VCT6TR Datasheet HTML 99Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 100Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 101Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 102Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 103Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 104Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 105Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 106Page - STMicroelectronics STM32F723VCT6TR Datasheet HTML 107Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 229 page
background image
DS11853 Rev 6
103/229
STM32F722xx STM32F723xx
Electrical characteristics
201
Figure 29. STM32F723xx power supply scheme
1. In all the packages (except LQFP100), the VDDUSB allows supplying the PHY FS in PA11/PA12 and the
PHY HS on PB14/PB15. In the LQFP100, the PHY HS on PB14/PB15 is supplied by VDDPHYHS.
MSv42069V1
Analog:
RCs, PLL,
...
VDDA
VREF+
VREF-
VSSA
ADC
+ 1 μF
VREF
100 nF
+ 1 μF
VDD
PDR_ON
Reset
controller
100 nF
2.2 μF
OTG HS PHY
OTG HS PHY
voltage
regulator
VDD12OTGHS
OTG_HS_REXT
V DD
1/2/...11/12
VBAT
Kernel logic
(CPU,
digital
& RAM)
Backup circuitry
(OSC32K,RTC,
Backup registers,
backup RAM)
Wakeup logic
12 × 100 nF
+ 1 × 4.7 μF
VBAT =
1.65 to 3.6V
Voltage
regulator
VSS
1/2/...11/12
VDD
Flash memory
CAP_1
V CAP_2
2 × 2.2 μF
BYPASS_REG
OTG FS
PHY
100 nF
VDDUSB
+ 1 μF
VDDUSB
OUT
IN
IO
V
DDSDMMC
PG[9..12], PD[6,7]
Logic
GP I/O s
OUT
IN
IO
Logic
V
OUT
IN
IO
PA[11,12], PB[14,15]
Logic
100 nF
V
DDSDMMC
+ 1 μF
3 Kohm +/-1%
Power switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com