Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32F722VCY7TR Datasheet(PDF) 226 Page - STMicroelectronics

Part # STM32F722VCY7TR
Description  Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F722VCY7TR Datasheet(HTML) 226 Page - STMicroelectronics

Back Button STM32F722VCY7TR Datasheet HTML 221Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 222Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 223Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 224Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 225Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 226Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 227Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 228Page - STMicroelectronics STM32F722VCY7TR Datasheet HTML 229Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 226 / 229 page
background image
Ordering information
STM32F722xx STM32F723xx
226/229
DS11853 Rev 6
8
Ordering information
For a list of available options (speed, package, etc.) or for further information on any aspect
of this device, contact the nearest ST sales office.
Table 126. Ordering information scheme
Example:
STM32
F
722 V C
T
6 xxx
Device family
STM32 = Arm-based 32-bit microcontroller
Product type
F = general-purpose
Device subfamily
722 = STM32F722xx, no OTG PHY HS
723 = STM32F723xx, with OTG PHY HS
Pin count
R = 64 pins
V = 100 pins
Z = 144 pins
I = 176 pins
Flash memory size
C = 256 Kbytes of Flash memory
E = 512 Kbytes of Flash memory
Package
T = LQFP
K = UFBGA (10 x 10 mm)
I = UFBGA (7 x 7 mm)
Y = WLCSP
Temperature range
6 = Industrial temperature range, –40 to 85 °C.
7 = Industrial temperature range, –40 to 105 °C.
Options
xxx = programmed parts
TR = tape and reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com