Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP47CMB22 Datasheet(PDF) 109 Page - Microchip Technology

Part # MCP47CMB22
Description  8/10/12-Bit Digital-to-Analog Converters, 1 LSb INL Single/Dual Voltage Outputs with I2C Interface
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP47CMB22 Datasheet(HTML) 109 Page - Microchip Technology

Back Button MCP47CMB22 Datasheet HTML 105Page - Microchip Technology MCP47CMB22 Datasheet HTML 106Page - Microchip Technology MCP47CMB22 Datasheet HTML 107Page - Microchip Technology MCP47CMB22 Datasheet HTML 108Page - Microchip Technology MCP47CMB22 Datasheet HTML 109Page - Microchip Technology MCP47CMB22 Datasheet HTML 110Page - Microchip Technology MCP47CMB22 Datasheet HTML 111Page - Microchip Technology MCP47CMB22 Datasheet HTML 112Page - Microchip Technology MCP47CMB22 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 124 page
background image
 2018-2019 Microchip Technology Inc.
DS20006089B-page 109
MCP47CXBXX
APPENDIX B: I2C SERIAL
INTERFACE
This I2C is a two-wire interface that allows multiple
devices to be connected to the two-wire bus. Figure B-1
shows a typical I2C interface connection.
FIGURE B-1:
Typical I2C Interface.
B.1
Overview
A device that sends data onto the bus is defined as a
transmitter and a device receiving data is defined as a
receiver. The bus has to be controlled by a Master
device which generates the Serial Clock (SCL), con-
trols the bus access and generates the Start and Stop
conditions. Devices that do not generate a serial clock
work as Slave devices. Both Master and Slave can
operate as transmitter or receiver, but the Master
device determines which mode is activated. Communi-
cation is initiated by the Master (microcontroller), which
sends the Start bit followed by the Slave address byte.
The first byte transmitted is always the Slave address
byte, which contains the device code, the address bits
and the R/W bit.
The I2C interface specifies different communication bit
rates. These are referred to as Standard, Fast or High-
Speed modes and the MCP47CXBXX supports these
three modes. The clock rates (bit rate) of these modes
are:
• Standard mode: Up to 100 kHz (kbit/s)
• Fast mode: Up to 400 kHz (kbit/s)
• High-Speed mode (HS mode): Up to 3.4 MHz
(Mbit/s)
The I2C protocol supports two addressing modes:
• 7-Bit Slave Addressing
• 10-Bit Slave Addressing (allows more devices on
the I2C bus)
Only 7-Bit Slave Addressing will be discussed in this
section.
The I2C serial protocol allows multiple Master devices
on the I2C bus. This is referred to as “Multi-Master”. For
this, all Master devices must support Multi-Master
operation. In this configuration, all Master devices mon-
itor their communication. If they detect that they wish to
transmit a bit that is a logic high, but is detected as a
logic low (some other Master device driving), they “get
off” the bus. That is, they stop their communication and
continue to listen to determine if the communication is
directed towards them.
The I2C serial protocol only defines the field types, field
lengths, timings, etc., of a frame. The frame content
defines the behavior of the device. For details on the
frame content (commands/data), refer to Section 7.0,
Device Commands.
The I2C serial protocol defines some commands, called
“General Call Addressing”, which allow the Master
device to communicate to all Slave devices on the I2C
bus.
SCL
SCL
Slave
SDA
SDA
Master
Typical I2C Interface Connections
Other Devices
Note:
Refer
to
the
“NXP
Specification
#UM10204”, Rev. 06, 4 April 2014
document for more details on the
I2C specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com