Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G031C6 Datasheet(PDF) 116 Page - STMicroelectronics

Part # STM32G031C6
Description  Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 1.7-3.6V
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G031C6 Datasheet(HTML) 116 Page - STMicroelectronics

Back Button STM32G031C6 Datasheet HTML 109Page - STMicroelectronics STM32G031C6 Datasheet HTML 110Page - STMicroelectronics STM32G031C6 Datasheet HTML 111Page - STMicroelectronics STM32G031C6 Datasheet HTML 112Page - STMicroelectronics STM32G031C6 Datasheet HTML 113Page - STMicroelectronics STM32G031C6 Datasheet HTML 114Page - STMicroelectronics STM32G031C6 Datasheet HTML 115Page - STMicroelectronics STM32G031C6 Datasheet HTML 116Page - STMicroelectronics STM32G031C6 Datasheet HTML 117Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 116 / 117 page
background image
Revision history
STM32G031x4/x6/x8
116/117
DS12992 Rev 2
8
Revision history
Table 81. Document revision history
Date
Revision
Changes
26-Jun-2019
1
Initial release
22-Apr-2020
2
Cover page updated;
Section 2: Description updated;
Figure 1: Block diagram updated;
Table 12: Pin assignment and description updated;
Table 18: Voltage characteristics updated;
Table 19: Current characteristics: Note 2 removed;
Table 21: General operating conditions and Section 7:
Ordering information: Added Ta range -40 to 105°C;
Table 57: ADC characteristics: major update;
Corrected figures with package marking examples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com