Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32MP157CAD1T Datasheet(PDF) 259 Page - STMicroelectronics

Part # STM32MP157CAD1T
Description  Arm® dual Cortex®-A7 800 MHz Cortex®-M4 MPU, 3D GPU, TFT/DSI, 37 comm. interfaces, 29 timers, adv. analog, crypto
PDF  260 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP157CAD1T Datasheet(HTML) 259 Page - STMicroelectronics

Back Button STM32MP157CAD1T Datasheet HTML 252Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 253Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 254Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 255Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 256Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 257Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 258Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 259Page - STMicroelectronics STM32MP157CAD1T Datasheet HTML 260Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 259 / 260 page
background image
DS12505 Rev 5
259/260
STM32MP157C/F
Revision history
259
08-Sep-2020
4
(continued)
Updated Table 57: Output timing characteristics (HSLV
ON, _vh IO structure).
Added Note to Section : USB OTG_FS characteristics.
Updated Section 7.1: TFBGA257 package information.
Added Note to Figure 64: TFBGA257 - Outline.
Updated Table 117: TFBGA257 - Mechanical data.
Updated Section 7.2: LFBGA354 package information.
Updated Table 119: LFBGA354 - Mechanical data.
Updated Section 7.3: TFBA361 package information.
Updated Table 121: TFBGA361 - Mechanical data.
Updated Section 7.4: LFBGA448 package information.
Added Note for Figure 73: LFBGA448 - Outline..
Updated Table 123: LFBGA448 - Mechanical data.
Updated Table 124: LFBGA448 - Recommended PCB
design rules (0.8 mm pitch, BGA).
Updated Section 8: Ordering information.
15-Dec-2020
5
Updated Graphics on cover page.
Updated LCD-TFT and DSI in Table 1:
STM32MP157C/F features and peripheral counts.
Updated Table 3.30: LCD-TFT display controller (LTDC).
Table 127. Document revision history
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com