Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCU3QTR Datasheet(PDF) 271 Page - STMicroelectronics

Part # STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Datasheet(HTML) 271 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 267Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 268Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 269Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 270Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 271Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 272Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 273Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 274Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 275Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 340 page
background image
DS12737 Rev 6
271/340
STM32L552xx
Electrical characteristics
307
SPI characteristics
Unless otherwise specified, the parameters given in Table 129 for SPI are derived from tests
performed under the ambient temperature, fPCLKx frequency and supply voltage conditions
summarized in Table 27: General operating conditions.
•
Output speed is set to OSPEEDRy[1:0] = 11
•
Capacitive load C = 30 pF
•
Measurement points are done at CMOS levels: 0.5VDD
Refer to Section 5.3.15: I/O port characteristics for more details on the input/output alternate
function characteristics (NSS, SCK, MOSI, MISO for SPI).
Table 129. SPI characteristics(1)
Symbol
Parameter
Conditions
Min
Typ
Max(2)
Unit
fSCK
1/tc(SCK)
SPI clock frequency
Master mode
2.7<VDD<3.6
Voltage ranges 0/1
--
55
MHz
Master mode
1.71<VDD<3.6
Voltage ranges 0/1
44
Master transmitter mode
1.71<VDD<3.6
Voltage ranges 0/1
55
Slave receiver mode 1.71<VDD<3.6
Voltage ranges 0/1
55
Slave mode transmitter/full duplex
2.7<VDD<3.6
Voltage ranges 0/1
36
Slave mode transmitter/full duplex
1.71<VDD<3.6
Voltage ranges 0/1
23
Slave mode transmitter/full duplex
1.71<VDD<3.6
Voltage range 2
20
Slave mode transmitter/full duplex
1.08<VDD<1.32(3)
12
tsu(NSS)
NSS setup time
Slave mode, SPI presc = 2
4×Tpclk
-
-
-
th(NSS)
NSS hold time
Slave mode, SPI presc = 2
2TTpclk
-
-
tw(SCKH)
tw(SCKL)
SCK high and low
time
Master mode
Tpclk-1
Tpclk
Tpclk+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com