Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCU3QTR Datasheet(PDF) 301 Page - STMicroelectronics

Part # STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Datasheet(HTML) 301 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 297Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 298Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 299Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 300Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 301Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 302Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 303Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 304Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 305Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 340 page
background image
DS12737 Rev 6
301/340
STM32L552xx
Electrical characteristics
307
tw(CS)
Chip select
high time
-3×t(CK)
-
-
ns
tv(DQ)
Data input
valid time
-
0
--
tv(DS)
Data strobe
input valid time
th(DS)
Data strobe
input hold time
-0
-
-
tv(RWDS)
Data strobe
output valid
time
--
-
3×t(CK)
tsr(DQ),tsf(DQ)
Data input
setup time
Voltage ranges 0/1
-0.75
-
t(CK)/2
-5.75(4)
Voltage range 2
-2.25
-
t(CK)/2
-8(4)
thr(DQ),thf(DQ)
Data input hold
time
Voltage ranges 0/1
3.75
-
-
Voltage range 2
4.75
-
-
tvr(OUT),
tvf(OUT)
Data output
valid time
Voltage
ranges 0/1
DHQC=
0
-5.75
7.75
DHQC=
1
Pres=1,
2…
-
Tpclk/4
+0.75
Tpclk/4
+2.5
Voltage range 2
DHQC=0
-8
11
thr(OUT),
thf(OUT)
Data output
hold time
Voltage
ranges 0/1
DHQC=
0
3.25
-
-
DHQC=
1
Pres=1,
2…
Tpclk/4
-0.25
--
Voltage range 2
DHQC=0
6.5
-
-
1. Guaranteed by characterization results.
2. Maximum frequency values are given for a RWDS to DQ skew of maximum +/-1.0 ns.
3. (PA3/PF11), (PF10/PB12), (PF10/PB5), (PE10/PF11), (PA3/PE9) and (PE10/PB5) clk/clk# pair usage is recommended in
order to respect HyperMemory AC differential crossing voltage margins.
4. Data input setup time maximum does not take into account the data level switching duration.
Table 148. OCTOSPI characteristics in DTR mode (with DQS)(1)/Octal and HyperBus (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com