Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCU3QTR Datasheet(PDF) 335 Page - STMicroelectronics

Part # STM32L552VCU3QTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCU3QTR Datasheet(HTML) 335 Page - STMicroelectronics

Back Button STM32L552VCU3QTR Datasheet HTML 331Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 332Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 333Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 334Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 335Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 336Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 337Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 338Page - STMicroelectronics STM32L552VCU3QTR Datasheet HTML 339Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 340 page
background image
DS12737 Rev 6
335/340
STM32L552xx
Revision history
339
8
Revision history
Table 164. Document revision history
Date
Revision
Changes
04-Oct-2019
1
Internal release
18-Dec-2019
2
Updated Section : Features.
Updated Section 3.3: Memory protection unit.
Updated Section 3.4: Embedded Flash memory.
Updated Table 5: Boot space versus RDP protection.
Updated Section 3.9.4: SMPS step down converter.
Updated Table 11: Functionalities depending on the
working mode.
Updated Figure 7: STM32L552xx clock tree.
Updated Table 27: General operating conditions.
Updated Table 36: Current consumption in Run mode,
code with data processing running from Flash in single
bank, ICACHE ON in 2-way and power supplied by
internal SMPS step down converter.
Updated Table 37: Current consumption in Run mode,
code with data processing running from Flash in single
bank, ICACHE ON in 1-way and power supplied by
internal SMPS step down converter.
Updated Table 38: Current consumption in Run mode,
code with data processing running from Flash in single
bank, ICACHE disabled and power supplied by internal
SMPS step down converter.
Updated Table 42: Current consumption in Run mode,
code with data processing running from Flash in dual
bank, ICACHE ON in 2-way and power supplied by
internal SMPS step down converter.
Updated Table 43: Current consumption in Run mode,
code with data processing running from Flash in dual
bank, ICACHE ON in 1-way and power supplied by
internal SMPS step down converter.
Updated Table 44: Current consumption in Run mode,
code with data processing running from Flash in dual
bank, ICACHE disabled and power supplied by internal
SMPS step down converter.
Updated Table 46: Current consumption in Run mode,
code with data processing running from SRAM1 and
power supplied by internal SMPS step down converter.
Updated Table 47: Current consumption in Run and
Low-power run modes, code with data processing
running from SRAM2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com