Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32L552VCT6PTR Datasheet(PDF) 181 Page - STMicroelectronics

Part # STM32L552VCT6PTR
Description  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552VCT6PTR Datasheet(HTML) 181 Page - STMicroelectronics

Back Button STM32L552VCT6PTR Datasheet HTML 177Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 178Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 179Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 180Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 181Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 182Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 183Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 184Page - STMicroelectronics STM32L552VCT6PTR Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 340 page
background image
Table 61. Current consumption in Sleep mode,
Flash ON and power supplied by internal SMPS step down converter
Symbol
Parameter
Conditions
TYP
MAX
Unit
-
Voltage
scaling
fHCLK
25°C
55°C
85°C
105°C 125°C
25°C
55°C
85°C
105°C 125°C
IDD
(Sleep)
Supply
current in
Sleep mode
fHCLK = fHSE up
to 48MHz
included,
bypass mode
PLL ON above
48 MHz all
peripherals
disabled
Range 2
SMPS LP
mode
26 MHz
0.69
0.82
1.27
1.99
3.22
0.8
1.57
3.47
5.93
9.88
mA
16 MHz
0.50
0.64
1.09
1.803.050.621.393.275.739.67
8 MHz
0.35
0.48
0.93
1.65
2.88
0.47
1.23
3.11
5.57
9.5
4 MHz
0.27
0.40
0.85
1.552.810.391.163.035.489.42
2 MHz
0.23
0.37
0.82
1.522.770.351.122.995.449.37
1 MHz
0.21
0.35
0.79
1.50
2.73
0.34
1.11
2.98
5.43
9.36
100 KHz
0.20
0.33
0.78
1.48
2.73
0.32
1.08
2.95
5.4
9.33
Range 0
SMPS HP
mode
110 MHz
3.22
3.49
4.24
5.40
7.70
3.81
5.39
9.01
12.92
19.03
Range 1
SMPS HP
mode
80 MHz
2.22
2.44
3.09
4.06
5.98
2.6
3.9
6.89
10.56
15.77
72 MHz
2.04
2.26
2.90
3.89
5.78
2.41
3.7
6.68
10.37
15.58
64 MHz
1.85
2.07
2.71
3.70
5.53
2.22
3.51
6.48
10.19
15.38
48 MHz
1.48
1.70
2.34
3.31
5.11
1.83
3.1
6.07
9.81
15
32 MHz
1.10
1.32
1.94
2.91
4.62
1.44
2.69
5.64
9.39
14.58
24 MHz
0.91
1.12
1.74
2.71
4.40
1.24
2.48
5.42
9.18
14.38
16 MHz
0.72
0.93
1.55
2.52
4.18
1.04
2.28
5.2
8.97
14.17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com